Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V5A91VY25 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # V5A91VY25
Description  SPECIAL PURPOSE NETWORKS & VOLTAGE DIVIDERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

V5A91VY25 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  V5A91VY25 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIALPURPOSENETWORKS&VOLTAGEDIVIDERS
2 through 7-decade voltage dividers
with ratios from 1:1 to 1,000,000:1
1200 & 1500V models standard
(up to 20KV available)
Ratio accuracy to ±0.01%, 2ppm TC
Temp.Range: -55 to +125°C
P/N FA2779 - Our most popular model (available from stock)
High precision enables universal application at a price comparable to
lower grade models.
TCR: 25ppm absolute
TCTrack:2.5ppm(R6=5ppm)
Resis.Tol: ±0.1% absolute
Ratio Tol: ±0.03%
Working Voltage: 1200V
CJ SERIES
Jumper Circuits
VDS SERIES
Voltage Dividers
Custom designed to customer requirement
2 amp rating is standard (3, 5, 10 amp available)
0.02
Ω maximum resistance (0.005Ω available)
Eliminates costly DIP switches in permanently-fixed circuits
Available on exclusive SWIFTTM delivery program
Available in 6, 8, 10, 12-pin SIP or 14 &16-pin DIP (custom sizes
available). For SM chip jumper arrays, see ZN & ZMN series.
TYPICAL CIRCUITS:
RESISTORS CAPS & COILS DELAY LINES
CJS SERIES SIP PACKAGE
FA087A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
CSS SERIES
Current Sensing
4-terminal Kelvin configuration
Wide variety of single & multi-resistor models
Current ratings up to 5 amps available
Resistance range: 0.01
Ω to 1 Meg
Tolerances to ±0.01% ( ±0.1% <1
Ω)
TC’s to ±3ppm/C (±30ppm <1
Ω)
Available on exclusive SWIFTTM delivery program
Custom configurations available
Standard sizes: 6, 8, 10, 12 pin SIP’s
.12 [3]
.100 [2.54]
→ ←
.35
[8.9]
1.0 [25.4] 10pin
1.2 [30.5] 12pin
.80 [20.3] 8pin
.6 [15] 6p
→ ←
.125
[3.2]
.024 [.6]
.12 [3]
.100 [2.54]
→ ←
.35
[8.9]
1.0 [25.4] 10pin
1.2 [30.5] 12pin
.80 [20.3] 8pin
.6 [15] 6p
→ ←
.125
[3.2]
.024 [.6]
Typical MultiResistor Model
90
Ω 9Ω 0.9Ω 0.09Ω 0.01Ω
Typical Single
Resistor Model
.600[15.2]
.100
[2.54]
.300
[7.62]
.35
[8.9]
→ ←
.125
[3.2]
.024 [.6]
.12 [3]
.100
[2.54]
Term.W
is RoHS
compliant
RoHS
D
C
R
e
p
y
T
s
e
u
l
a
V
e
c
n
a
t
s
i
s
e
R
1
R2
R3
R4
R5
R6
R
1
9
A
5
Vg
e
M
9K
0
0
9K
0
9K
9k
1-
9
9
A
5
Vg
e
M
9K
0
0
9K
0
9K
90
0
9-
1
1
A
5
Vg
e
M
0
1M
1
1
1
1
.
1K
1
0
.
1
0
1K
1
0
.
0
1K
1
0
0
.
1-
1
9
B
5
Vg
e
M
9K
0
0
9K
0
9K
9k
1-
9
9
B
5
Vg
e
M
9K
0
0
9K
0
9K
90
0
9-
1
1
B
5
Vg
e
M
0
1M
1
1
1
1
.
1K
1
0
.
1
0
1K
1
0
.
0
1K
1
0
0
.
1-
1
9
C
5
Vg
e
M
9K
0
0
9K
0
9K
9k
1-
9
9
C
5
Vg
e
M
9K
0
0
9K
0
9K
90
0
9-
1
1
C
5
Vg
e
M
0
1M
1
1
1
1
.
1K
1
0
.
1
0
1K
1
0
.
0
1K
1
0
0
.
1-
1
9
A
6
Vg
e
M
9K
0
0
9K
0
9K
90
0
90
0
1
9
9
A
6
Vg
e
M
9K
0
0
9K
0
9K
90
0
90
9
Standard models
(numerous custom models are also available from 2 through 7 decades):
P/N V5A 5-Decade 1200V
TCR: ±5, 10, 15, 25, or 50ppm
TC Track: 3, 5, 10, 25, 50ppm
Res.Tol: ±0.05, .1%, .25%, .5%
Ratio Tol: ±0.03% to 0.5%
P/N V5B 5-Decade 1200V
TCR: ±5, 10, 15, 25, or 50ppm
TC Track: 3, 5, 10, 25, 50ppm
Res.Tol: ±0.05, .1%, .25%, .5%
Ratio Tol: ±0.03% to 0.5%
P/N V5B 5-Decade 1500V
TCR: ±5, 10, 15, 25, or 50ppm
TC Track: 3, 5, 10, 25, 50ppm
Res.Tol: ±0.05, .1%, .25%, .5%
Ratio Tol: ±0.03% to 0.5%
.500
[12.7]
Max.
1.03” [26.3] Max.
9M
900K 90K 9K 900
Ω 100Ω
.10 [2.54] 5PL
R1
R2 R3 R4 R5
R6
→ ←
.024
[.6]
.300
[7.62]
.12 [3]
min.
.16[4]
.500
[12.7]
Max.
1.03” [26.3] Max.
.10 [2.54] 5PL
R1
R2 R3 R4
R5
→ ←
.024
[.6]
.300
[7.62]
.12 [3]
min.
.16[4]
.500
[12.7]
Max.
1.03” [26.3] Max.
.10 [2.54] 4PL
R1
R2 R3 R4
R5
→ ←
.024
[.6]
.400
[10.16]
.12 [3]
min.
.16[4]
P/N V6A 6-Decade 1200V
TCR: ±5, 10, 15, 25, or 50ppm
TC Track: 3, 5, 10, 25, 50ppm
Res.Tol: ±0.05, .1%, .25%, .5%
Ratio Tol: ±0.03% to 0.5%
.12 [3]
Min.
.413
[10.5]
Max.
2.00” [50.5] Max.
.800
[20.32]
R1
R2
R3
R4
R5
→ ←
.16[4]
.024
[.6]
.300
[7.62]
.300
[7.62]
.200
[5.08]
.200
[5.08]
.500
[12.7]
Max.
1.03” [26.3] Max.
.10 [2.54] 5PL
R1
R2 R3 R4 R5
R6
→ ←
.024
[.6]
.300
[7.62]
.12 [3]
min.
.16[4]
C1 V1
V2 C2
CJD SERIES DIP PACKAGE
.250
[6.35]
Max.
.475 [12]
Max.
.300
[7.62]
.12 [3]
→ ← .100[2.54]
.750 [19] 14Pin
.850 [21.6] 16Pin
V5A91
B A 50 / 10 W
P/N DESIGNATION
(standard models):
TC: 5=5ppm/°C,, 10=10ppm 15=15ppm, 25=25ppm, 50=50ppm
RCD Type
Tolerance: Q=.02%,A=.05%,B=.1%,C=.25%,D=.5%,F=1%
Ratio Tol: Y=.01%, Q=.02%, A=.05%, Z=.1%, C=.25%, D=.5%
(leave blank if not req’d)
Termination: W= Lead-free, Q= SnPb (leave blank if either is acceptable)
TC Track: 3=3ppm/°C, 5, 10, 15, 25, 50 (leave blank if not required)
40
Term.W
is RoHS
compliant
RoHS
Term.W
is RoHS
compliant
RoHS


Similar Description - V5A91VY25

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RRY2B WILLOW-RRY2B Datasheet
82Kb / 1P
   SIP RESISTOR NETWORKS VOLTAGE DIVIDERS
logo
Littelfuse
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
995 LITTELFUSE-995 Datasheet
72Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
997 LITTELFUSE-997 Datasheet
59Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
298 LITTELFUSE-298 Datasheet
52Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
257 LITTELFUSE-257 Datasheet
55Kb / 1P
   Blade Terminal & Special Purpose Fuses -Low Voltage
logo
Vishay Siliconix
RNX VISHAY-RNX Datasheet
82Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com