Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABTH18646A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH18646A
Description  SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH18646A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ABTH18646A Datasheet HTML 2Page - Texas Instruments SN74ABTH18646A Datasheet HTML 3Page - Texas Instruments SN74ABTH18646A Datasheet HTML 4Page - Texas Instruments SN74ABTH18646A Datasheet HTML 5Page - Texas Instruments SN74ABTH18646A Datasheet HTML 6Page - Texas Instruments SN74ABTH18646A Datasheet HTML 7Page - Texas Instruments SN74ABTH18646A Datasheet HTML 8Page - Texas Instruments SN74ABTH18646A Datasheet HTML 9Page - Texas Instruments SN74ABTH18646A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SN54ABTH18646A, SN54ABTH182646A, SN74ABTH18646A, SN74ABTH182646A
SCAN TEST DEVICES WITH
18-BIT TRANSCEIVERS AND REGISTERS
SCBS166D – AUGUST 1993 – REVISED JULY 1996
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL NAME
DESCRIPTION
1A1–1A9,
2A1–2A9
Normal-function A-bus I/O ports. See function table for normal-mode logic.
1B1–1B9,
2B1–2B9
Normal-function B-bus I/O ports. See function table for normal-mode logic.
1CLKAB, 1CLKBA,
2CLKAB, 2CLKBA
Normal-function clock inputs. See function table for normal-mode logic.
1DIR, 2DIR
Normal-function direction controls. See function table for normal-mode logic.
GND
Ground
1OE, 2OE
Normal-function output enables. See function table for normal-mode logic. An internal pullup at each terminal forces the
terminal to a high level if left unconnected.
1SAB, 1SBA,
2SAB, 2SBA
Normal-function select controls. See function table for normal-mode logic.
TCK
Test clock. One of four terminals required by IEEE Standard 1149.1-1990. Test operations of the device are synchronous
to TCK. Data is captured on the rising edge of TCK and outputs change on the falling edge of TCK.
TDI
Test data input. One of four terminals required by IEEE Standard 1149.1-1990. TDI is the serial input for shifting data
through the instruction register or selected data register. An internal pullup forces TDI to a high level if left unconnected.
TDO
Test data output. One of four terminals required by IEEE Standard 1149.1-1990. TDO is the serial output for shifting data
through the instruction register or selected data register.
TMS
Test mode select. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the device through its TAP
controller states. An internal pullup forces TMS to a high level if left unconnected.
VCC
Supply voltage


Similar Part No. - SN74ABTH18646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH18646A TI1-SN74ABTH18646A Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN74ABTH18646APM TI1-SN74ABTH18646APM Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
More results

Similar Description - SN74ABTH18646A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18646 TI-SN54ABT18646 Datasheet
414Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18652A TI-SN54LVTH18652A Datasheet
606Kb / 10P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54LVTH18646A TI-SN54LVTH18646A Datasheet
551Kb / 36P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com