Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFP-GD-BD53TH Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # SFP-GD-BD53TH
Description  SFP Bidirectional Single Fiber Transceivers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

SFP-GD-BD53TH Datasheet(HTML) 3 Page - MRV Communications, Inc.

  SFP-GD-BD53TH Datasheet HTML 1Page - MRV Communications, Inc. SFP-GD-BD53TH Datasheet HTML 2Page - MRV Communications, Inc. SFP-GD-BD53TH Datasheet HTML 3Page - MRV Communications, Inc. SFP-GD-BD53TH Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Digital Diagnostics
Parameter
Range
Accuracy
Unit
Calibration
Bit Value
Formula
Temperature
(SFP-GD-BD35/53)
-5 to 70
± 3
º C
Internal
1/256 C
Tc(C)=Tad(16 bit signed twos complement)/256
Temperature
(SFP-GD-BD35/53TH)
-40 to 85
± 3
º C
Internal
1/256 C
Tc(C)=Tad(16 bit signed twos complement)/256
Voltage
0 to Vcc
0.1
V
Internal
100μV
V(Volts)=Vad(16 bit unsigned integer)*0.1
Bias Current
0 to 120
5
mA
External
-
I(mA)=Islope*Iad(16 bit unsigned integer)+Ioffset
TX Power
-5 to 0
±3 dB
dBm
External
-
TX_PWR(μW)=TX_PWRslope*TX_PWRad(16 bit unsigned
integer +TX_PWRoffset
RX Power
-24 to -3
±3 dB
dBm
External
-
RX_PWR(μW)=A0+A1*x+A2*x^2+A3*x^3+A4*x^4
Pin
Function
Notes
1
VeeT
TX GND
2
TX_FAULT
Open Collector
3
TX_DISABLE
Internally Pulled High
4
MOD_DEF2
Serial Data Input
5
MOD_DEF1
Serial Clock Input
6
MOD_DEF0
Internally Grounded
7
NC
Not Connected
8
LOS
Open Collector
9
VeeR
RX Ground
10
VeeR
RX Ground
11
VeeR
RX Ground
12
RXD-
RX Data Negative
13
RXD+
RX Data Positive
14
VeeR
RX GND
15
VccR
RX Power
16
VccT
TX Power
17
VeeT
TX GND
18
TXD+
TX Data Positive
19
TXD-
TX Data Negative
20
VeeT
TX GND
3
Ordering Information
Model
Description
Data Rate
(Mbps)
Wavelength
(nm)
Connector
Type
Bail Latch
Color
Distance
Range (km)
Tx
Rx
SFP-GD-BD35
SFP Bidirectional Transceiver
1250
1310
1550
LC
Blue
6 – 38
SFP-GD-BD53
SFP Bidirectional Transceiver
1250
1550
1310
LC
Yellow
6 – 38
SFP-GD-BD35TH
SFP Bidirectional Transceiver
(Temperature Hardened)
1250
1310
1550
LC
Blue
6 – 38
SFP-GD-BD53TH
SFP Bidirectional Transceiver
(Temperature Hardened)
1250
1550
1310
LC
Yellow
6 – 38


Similar Part No. - SFP-GD-BD53TH

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-GD-BX34 MRV-SFP-GD-BX34 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
SFP-GD-BX34SC MRV-SFP-GD-BX34SC Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
SFP-GD-BX34TH MRV-SFP-GD-BX34TH Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
SFP-GD-BX43 MRV-SFP-GD-BX43 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
SFP-GD-BX43SC MRV-SFP-GD-BX43SC Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
More results

Similar Description - SFP-GD-BD53TH

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
SFP-GD-BZ45 MRV-SFP-GD-BZ45 Datasheet
89Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-EBZ45 MRV-SFP-GD-EBZ45 Datasheet
89Kb / 4P
   SFP Bidirectional Single Fiber Transceivers
SFP-GD-BX34 MRV-SFP-GD-BX34 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
SFP-DR-35IR2 MRV-SFP-DR-35IR2 Datasheet
91Kb / 4P
   SFP Dual Rate Bidirectional Transceivers
SFP-DR-45LR2 MRV-SFP-DR-45LR2 Datasheet
92Kb / 4P
   SFP Dual Rate Bidirectional Transceivers
SFP-DR-35IR1 MRV-SFP-DR-35IR1 Datasheet
90Kb / 4P
   SFP Dual Rate Bidirectional Transceivers
SFP-MR-35IR1 MRV-SFP-MR-35IR1 Datasheet
75Kb / 4P
   SFP Multi Rate Bidirectional Transceivers
SFP-MR-45IR2 MRV-SFP-MR-45IR2 Datasheet
75Kb / 4P
   SFP Multi Rate Bidirectional Transceivers
SFP-MR-45LR2 MRV-SFP-MR-45LR2 Datasheet
75Kb / 4P
   SFP Multi Rate Bidirectional Transceivers
logo
OPLINK Communications I...
TRPBFELXTBOSH OPLINK-TRPBFELXTBOSH Datasheet
112Kb / 5P
   Single Fiber Bi-Directional Fast Ethernet SFP Single Mode Transceivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com