Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABTH162460 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ABTH162460
Description  4-TO-1 MULTIPLEXED/DEMULTIPLEXED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABTH162460 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54ABTH162460 Datasheet HTML 2Page - Texas Instruments SN54ABTH162460 Datasheet HTML 3Page - Texas Instruments SN54ABTH162460 Datasheet HTML 4Page - Texas Instruments SN54ABTH162460 Datasheet HTML 5Page - Texas Instruments SN54ABTH162460 Datasheet HTML 6Page - Texas Instruments SN54ABTH162460 Datasheet HTML 7Page - Texas Instruments SN54ABTH162460 Datasheet HTML 8Page - Texas Instruments SN54ABTH162460 Datasheet HTML 9Page - Texas Instruments SN54ABTH162460 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN54ABTH162460, SN74ABTH162460
4-TO-1 MULTIPLEXED/DEMULTIPLEXED REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS241E – FEBRUARY 1993 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABTH162460
SN74ABTH162460
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 5 V,
IOH = –3 mA
3
3.4
3
3.4
A port
VCC =4 5V
IOH = –3 mA
2.5
3
VCC = 4.5 V
IOH = –32 mA
2
2.7
VOH
VCC = 5 V,
IOH = –1 mA
3.8
4.2
3.85
V
B port
IOH = –1 mA
3.3
3.7
3.35
B port
VCC = 4.5 V
IOH = –3 mA
3
3.6
3.1
IOH = –12 mA
2.6
A port
VCC =4 5V
IOL = 24 mA
0.25
0.55
VOL
A port
VCC = 4.5 V
IOL = 64 mA
0.3
0.55
V
VOL
B port
VCC =4 5V
IOL = 8 mA
0.4
0.8
0.4
0.65
V
B port
VCC = 4.5 V
IOL = 12 mA
0.5
0.8
Vhys
100
100
mV
II
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
µA
II
A or B ports
VCC = 2.1 V to 5.5 V,
VI = VCC or GND
±20
±20
µA
II(h ld) AorB ports
VCC = 5.5 V,
VI = 0.8 V
75
500
75
500
µA
II(hold) A or B ports
VCC = 4.5 V,
VI = 2 V
–75
–500
–75
–500
µA
A port
VCC = 5.5 V,
VO = 2.5 V
–50
–110
–180
–50
–180
IO‡
B port
VCC =5 5V
VO = 2.5 V
–25
–55
–90
–25
–90
mA
O
B port
VCC = 5.5 V
VO = 0
–50
–110
–180
–50
–180
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
IOZPU§
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD§
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
Outputs high
1.5
0.7
1.5
ICC
A port low
VCC =5 5V Outputs open
10
6
10
mA
ICC
B port low
VCC = 5.5 V, Outputs open
32
18
32
mA
Outputs disabled
1.5
0.7
1.5
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1
1
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3.5
3.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
8
8
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This parameter is characterized but not production tested.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABTH162460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH16244 TI-SN54ABTH16244 Datasheet
107Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI-SN54ABTH16244 Datasheet
337Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244WD TI-SN54ABTH16244WD Datasheet
107Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI-SN54ABTH16244_07 Datasheet
337Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABTH162460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH16460 TI1-SN54ABTH16460_12 Datasheet
174Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16460 TI-SN54ABTH16460 Datasheet
173Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543_08 Datasheet
447Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com