Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF10100 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SRF10100
Description  SCHTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SRF10100 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SRF10100 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SRF10100 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCHTTKY BARRIER RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
20 to 100 Volts
SRF1020 THRU SRF10100
CURRENT
10.0 Ampere
300
200
120
100
0
0.01
0.1
1.0
10
100
500
200
100
50
20
10
5
2
1
150
200
250
300
350
400
100
50
20
10
5
2
1
0
20
30
50
70
90
110
130
150
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.4
0.2
0.1
0.6
0.8
1.0
2
4
6
8
10
20
40
100
50
150
0
0
2
4
6
8
10
C
T =25℃
C
T =75℃
C
T =100℃
T =25℃
J
JEDEC Method
8.3ms Single Half Sine-Wave
j
Pulse Width=200μs
T =25℃
50,60V
80,100V
20,30,40V
CAPACITANCE
INSTANTANEOUS FORWART VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.5-TYPICAL JUNCTION
NUMBER OF CYCLES AT 60 Hz
SURGE CURRENT
FIG.4-MAXIMUM NON-REPETITIVE
FIG.3-TYPICAL INSTANTANEOUS
REVERSE VOLTAGE VOLTS
CASE TEMPERATRUE ()
FORWARD CHARACTERSTIC
CHARACTERISTICS
FIG.2-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
RATING AND CHRACTERISTIC CURVES SRF1020 THRU SRF10100


Similar Part No. - SRF10100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SRF10100 MOSPEC-SRF10100 Datasheet
180Kb / 2P
   Switchmode Full Plastic Dual Schottky Barrier Power Rectifiers
logo
Nanjing International G...
SRF10100 DGNJDZ-SRF10100 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRF10100 TSC-SRF10100 Datasheet
111Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF10100 DGNJDZ-SRF10100 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRF10100 TSC-SRF10100 Datasheet
201Kb / 2P
   Isolated 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRF10100

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRB1620C MIC-SRB1620C Datasheet
51Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB3020C MIC-SRB3020C Datasheet
52Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB1020 MIC-SRB1020 Datasheet
49Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB1620 MIC-SRB1620 Datasheet
50Kb / 2P
   SCHTTKY BARRIER RECTIFIER
SRB2020C MIC-SRB2020C Datasheet
50Kb / 2P
   SCHTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
   SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
logo
National Instruments Co...
FCHS10A12 NI-FCHS10A12_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS10A065 NI-FCHS10A065_15 Datasheet
234Kb / 6P
   Schttky Barrier Diode
FCHS30A08 NI-FCHS30A08_15 Datasheet
243Kb / 6P
   Schttky Barrier Diode
FCQS30A045 NI-FCQS30A045_15 Datasheet
254Kb / 6P
   Schttky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com