Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1600-OAIM Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # EM1600-OAIM
Description  LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM1600-OAIM Datasheet(HTML) 4 Page - MRV Communications, Inc.

  EM1600-OAIM Datasheet HTML 1Page - MRV Communications, Inc. EM1600-OAIM Datasheet HTML 2Page - MRV Communications, Inc. EM1600-OAIM Datasheet HTML 3Page - MRV Communications, Inc. EM1600-OAIM Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRV-LD-OA
Rev.4 11-08
Copyright ©2008 MRV Communications, Inc. All Rights Reserved.
WDM & Optical Transport
EM800-OAIM
Optical In Line Amplifier with Mid-stage +17dbm output and 20db gain
EM800-OAIM25
Optical In Line Amplifier with Mid stage +17dbm output and 25db gain
EM800-OAI
Optical In Line Amplifier + 18dbm output and 20db gain
EM800-OAP
Optical Pre-Amplifier + 13dbm output and 20db gain
EM800-OAP10
Optical Pre-Amplifier +13 dbm output and 10db gain
EM800-OAB
Optical Booster Amplifier + 18dbm output and 9db gain
EM800-OABM
Optical Booster Amplifier with Mid-stage +17dbm output and 9db gain
EM800-SOAIM
Single channel Optical in line Amplifier with Mid-stage +13dbm output and 20db gain
EM800-SOAI
Single channel Optical in line Amplifier output +13dbm output and 20db gain
EM800-SOAI25
Single channel Optical in line Amplifier output +17dbm output and 25db gain
EM800-OAI25
Optical In Line Amplifier +18dbm output and 25db gain
EM800-SOAP
Single channel Optical Pre - Amplifier +13dbm output and 20db gain
EM800-SOAB
Single channel Optical Booster Amplifier +18dbm output and 15db gain
EM800-SOAB13
Single channel Optical Booster Amplifier +13dbm output and 15db gain
EM1600-OABM
Optical Booster Amplifier with Mid-stage +17dbm output and 9db gain
EM1600-OAIM
Optical In Line Amplifier with Mid-stage +17dbm output and 20db gain
EM1600-OAI
Optical In Line Amplifier +18 dbm output and 20db gain
EM1600-OAP
Optical Pre-Amplifier +13 dbm output and 20db gain
EM1600-OAP10
Optical Pre-Amplifier +13 dbm output and 10db gain
EM1600-OAB
Optical Booster Amplifier +18 dbm output and 9db gain
EM1600-SOAIM
Single channel Optical in line Amplifier with Mid-stage + 13dbm output and 20db gain
EM1600-SOAI
Single channel Optical in line Amplifier + 13dbm output and 20db gain
EM1600-SOAP
Single channel Optical Pre-Amplifier + 13dbm output and 20db gain
EM1600-SOAB
Single channel Optical Booster Amplifier + 18dbm output and 15db gain
EM1600-SOAB13
Single channel Optical Booster Amplifier + 13dbm output and 15db gain
High Power EDFAs
EM800-OAI21P
Optical In Line Amplifier with +21dbm output and 20db gain
EM800-OAI21PM
Optical In Line Amplifier with Mid-stage +21dbm output and 20db gain
EM800-OAI21PM25
Optical In Line Amplifier with Mid-stage +21dbm output and 25db gain
EM800-OAB22P
Optical Booster Amplifier with +22dbm output and 9db gain
EM800-OAB22PM
Optical Booster with Mid-stage+22dbm output and 9db gain
EM800-SOAB22P
Single channel Optical Booster Amplifier +22dbm output and 20db gain
EM1600-OAB22P
Optical Booster Amplifier with +22dbm output and 9db gain
EM1600-OAB22PM
Optical Booster Amplifier with Mid-stage +22dbm output and 9db gain
EM1600-OAI21P
Optical In Line Amplifier with +21dbm output and 20db gain
EM1600-OAI21PM
Optical In Line Amplifier with Mid-stage +21dbm output and 20db gain
EM1600-SOAB22P
Single channel Optical Booster Amplifier + 22dbm output and 20dB gain
EDFAs with Integrated TDC
EM800-OAPD
Optical Pre-Amplifier with integrated DC +13dbm output and 20db gain
EM800-OABD
Optical Booster Amplifier with integrated DC +18dbm output and 9db gain
EM800-OAID
Optical In Line Amplifier with integrated DC +18dbm output and 20db gain
EM800-OAI25D
Optical In Line Amplifier with integrated DC +17dbm output and 25db gain
EM1600-OAPD
Optical Pre-Amplifier with integrated DC +13dbm output and 20db gain
EM1600-OABD
Optical Booster Amplifier with integrated DC +18 dbm output and 9db gain
EM1600-OAID
Optical In Line Amplifier with integrated DC +18 dbm output and 20db gain
EM1600-OAP10D
Optical Pre-Amplifier with integrated DC +13dbm output and 10db gain


Similar Part No. - EM1600-OAIM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-OAR10 MRV-EM1600-OAR10 Datasheet
486Kb / 2P
   LambdaDriver Raman Amplifi er Module (EM1600-OAR)
EM1600-OAR12 MRV-EM1600-OAR12 Datasheet
486Kb / 2P
   LambdaDriver Raman Amplifi er Module (EM1600-OAR)
EM1600-OAR15 MRV-EM1600-OAR15 Datasheet
486Kb / 2P
   LambdaDriver Raman Amplifi er Module (EM1600-OAR)
More results

Similar Description - EM1600-OAIM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-OAR10 MRV-EM1600-OAR10 Datasheet
486Kb / 2P
   LambdaDriver Raman Amplifi er Module (EM1600-OAR)
EM800-RED MRV-EM800-RED Datasheet
836Kb / 2P
   LambdaDriver 11 redundancy Module (EM800/EM1600-RED)
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
EM1600-ROADM40 MRV-EM1600-ROADM40 Datasheet
279Kb / 2P
   LambdaDriver 2 Degree ROADM Module (EM1600-ROADM40)
EM800-DCM MRV-EM800-DCM Datasheet
1Mb / 2P
   LambdaDriver Dispersion Compensation Module (EM800/1600-DCM and DCMD)
EM1600-4CC10G MRV-EM1600-4CC10G Datasheet
2Mb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module(EM1600-4CC10G)
EM1600-8CC10G MRV-EM1600-8CC10G Datasheet
456Kb / 2P
   LambdaDriver 10Gbps 8 ports XFP - EXC Module (EM1600-8CC10G)
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com