Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1600-OAR12 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM1600-OAR12
Description  LambdaDriver Raman Amplifi er Module (EM1600-OAR)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM1600-OAR12 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM1600-OAR12 Datasheet HTML 1Page - MRV Communications, Inc. EM1600-OAR12 Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MRV-LD-OAR
Rev.2 07 -07
Copyright ©2007 MRV Communications, Inc. All Rights Reserved.
EM1600-OAR10
10dB gain Raman Amplifier for LD1600 dual slot
10dB gain Raman Amplifier for LD1600 dual slot
EM1600-OAR12
12dB gain Raman Amplifier for LD1600 dual slot
12dB gain Raman Amplifier for LD1600 dual slot
EM1600-OAR15
15dB gain Raman Amplifier for LD1600 dual slot
15dB gain Raman Amplifier for LD1600 dual slot
Operating Temperature
- 5 to 45 o C
Storage Temperature
-10 to 70 o C
Relative Humidity
85% maximum, non-condensing
Dimensions (W x H x D)
54.18 mm ( 2.13 in) x 263.4 mm (10.37 in) x 227.5 mm (8.95 in)
Weight
2.6kg (5.73 lb)
Connector
OUT and OUT Monitor - SC/UPC
Pump Monitor - SC/APC
IN - E2000 (high power)
Environmental
Condition
Min
Max
Unit
Signal wavelength
C - band @ SMF-28 and fiber
loss is less than 0.2 dB/km
1529
1564
nm
Raman gain
10-15
dB
Gain ripple
1
dB
C-band insertion loss
(Input to Ouput)
1
dB
Polarization Dependent Loss
0.2
dB
Effective Noise figure
-2
0
dB
Power consumption
60
W
Input power
RAMAN off
-45
dB
Optical characteristic
WDM & Optical Transport


Similar Part No. - EM1600-OAR12

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM1600-OAB MRV-EM1600-OAB Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM1600-OAB22P MRV-EM1600-OAB22P Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM1600-OAB22PM MRV-EM1600-OAB22PM Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM1600-OABD MRV-EM1600-OABD Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM1600-OABM MRV-EM1600-OABM Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
More results

Similar Description - EM1600-OAR12

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-OAIM MRV-EM800-OAIM Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM1600-ROADM40 MRV-EM1600-ROADM40 Datasheet
279Kb / 2P
   LambdaDriver 2 Degree ROADM Module (EM1600-ROADM40)
EM800-RED MRV-EM800-RED Datasheet
836Kb / 2P
   LambdaDriver 11 redundancy Module (EM800/EM1600-RED)
EM1600-4CC10G MRV-EM1600-4CC10G Datasheet
2Mb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module(EM1600-4CC10G)
EM1600-8CC10G MRV-EM1600-8CC10G Datasheet
456Kb / 2P
   LambdaDriver 10Gbps 8 ports XFP - EXC Module (EM1600-8CC10G)
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
   LambdaDriver짰 - Optical Amplifi er Module
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com