Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM22A Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SM22A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SM22A Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SM22A Datasheet HTML 1Page - MIC GROUP RECTIFIERS SM22A Datasheet HTML 2Page - MIC GROUP RECTIFIERS SM22A Datasheet HTML 3Page - MIC GROUP RECTIFIERS SM22A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Breakdown Voltage
6.8 to 200 Volts
SM6.8 THRU SM200CA
Peak Pulse Power
400 Watts
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
For surface mounted applications
Glass passivated junction
Low inductance surge resistance
Fast response time: typical less than 1.0ps
from 0 volts to V(BR) for unidirectional AND 5.0ns for
bidirectional types
400W peak pulse capability with a 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
For devices with V(BR) ≥10V, ID are typically less than 1.0μA
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MECHANICAL DATA
Cass: JEDEC DO-213AB,molded plastic body over passivated junction
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Blue bands denotes positive end (cathode) for unidirectional and yellow band in the
Middle for bidirectional types
Mounting position: any
Weight: 0.116 ounces, 0.0064 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
For bidirectional applications use suffix letters C or CA for types SM6.8 thru SM200A (e.g. SM6.8C,
SM200CA).Electrical Characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,FIG.1)
PPPM
Minimum 400
Watts
Steady Stage Power Dissipation at TT=75℃(Note2)
PM(AV)
1.0
Watt
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Amps
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load for unidirectional only
(JEDEC Method) (Note3)
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 25A (NOTE 3)
for unidirectional only
VF
3.5
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on copper pads to each terminal of 0.31 in (8.0mm2) per Fig 5.
3.
Measured at 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
DO-213AB
Dimensions in inches and (millimeters)


Similar Part No. - SM22A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM22 MCC-SM22 Datasheet
322Kb / 4P
   12Volts ESD Protection Devices
logo
Kemet Corporation
SM22 KEMET-SM22 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Dc Components
SM220 DCCOM-SM220 Datasheet
420Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Apacer Technology Inc.
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM220-M242 APACER-SM220-M242 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results

Similar Description - SM22A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com