Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOZA161 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # SOZA161
Description  SOZA CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SOZA161 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  SOZA161 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SOZA161 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOZA CELL
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
SOZA161 THRU SOZA166
CURRENT
16.0 Amperes
RATINGS AND CHARACTERISTIC CURVES SOZA161 THRU SOZA166
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
200
80
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
1000
100
10
1.0
0.1
1.4
1.6
2.0
1.8
1.0
1.2
0.8
0.6
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0
0
SQUARE WAVE
DC
AVERAGE FORWARD CURRENT, (A)
F1G.4 FORWARD ROWER DISSIPATION
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
0
0
25
50
75
175
150
100
125
2.5
5.0
7.5
10
12.5
15
16
400
300
CASE TEMPERATURE, ()
10
20
30
25
20
15
10
5


Similar Part No. - SOZA161

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SOZAA20L MIC-SOZAA20L Datasheet
20Kb / 1P
   SOZA CELL
SOZAA20M MIC-SOZAA20M Datasheet
20Kb / 1P
   SOZA CELL
SOZAA20Z MIC-SOZAA20Z Datasheet
20Kb / 1P
   SOZA CELL
More results

Similar Description - SOZA161

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SOZAA20L MIC-SOZAA20L Datasheet
20Kb / 1P
   SOZA CELL
logo
Shanghai Shunye Electro...
SC35A-SC35M SHUNYE-SC35A-SC35M Datasheet
189Kb / 2P
   SOZA CELL
SC50A-SC50M SHUNYE-SC50A-SC50M Datasheet
186Kb / 2P
   SOZA CELL
logo
MIC GROUP RECTIFIERS
SOZAA20M MIC-SOZAA20M Datasheet
20Kb / 1P
   SOZA CELL
SOZAA20Z MIC-SOZAA20Z Datasheet
20Kb / 1P
   SOZA CELL
logo
Shanghai Shunye Electro...
SC25A-SC25M SHUNYE-SC25A-SC25M Datasheet
189Kb / 2P
   SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA40M MIC-BSOZAA40M Datasheet
20Kb / 1P
   BIG SOZA CELL
BSOZAA40Z MIC-BSOZAA40Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA401 CHENYI-BSOZA401 Datasheet
154Kb / 2P
   BIG SOZA CELL
BSOZAA50M CHENYI-BSOZAA50M Datasheet
48Kb / 2P
   BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com