Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9318601MLA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9318601MLA
Description  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9318601MLA Datasheet(HTML) 2 Page - Texas Instruments

  5962-9318601MLA Datasheet HTML 1Page - Texas Instruments 5962-9318601MLA Datasheet HTML 2Page - Texas Instruments 5962-9318601MLA Datasheet HTML 3Page - Texas Instruments 5962-9318601MLA Datasheet HTML 4Page - Texas Instruments 5962-9318601MLA Datasheet HTML 5Page - Texas Instruments 5962-9318601MLA Datasheet HTML 6Page - Texas Instruments 5962-9318601MLA Datasheet HTML 7Page - Texas Instruments 5962-9318601MLA Datasheet HTML 8Page - Texas Instruments 5962-9318601MLA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SN54ABT8245, SN74ABT8245
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS
SCBS124D – AUGUST 1992 – REVISED DECEMBER 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
In the test mode, the normal operation of the SCOPE
™ bus transceivers is inhibited and the test circuitry is
enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry can perform
boundary-scan test operations as described in IEEE Standard 1149.1-1990.
Four dedicated test pins control the operation of the test circuitry: test data input (TDI), test data output (TDO),
test mode select (TMS), and test clock (TCK). Additionally, the test circuitry performs other testing functions
such as parallel-signature analysis (PSA) on data inputs and pseudo-random pattern generation (PRPG) from
data outputs. All testing and scan operations are synchronized to the TAP interface.
The SN54ABT8245 is characterized for operation over the full military temperature range of – 55
°C to 125°C.
The SN74ABT8245 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
(normal mode)
INPUTS
OPERATION
OE
DIR
OPERATION
L
L
B data to A bus
L
H
A data to B bus
H
X
Isolation


Similar Part No. - 5962-9318601MLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9318601MLA TI-5962-9318601MLA Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
More results

Similar Description - 5962-9318601MLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952_07 Datasheet
529Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI-SN54ABT8543 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8543 TI1-SN54ABT8543_15 Datasheet
537Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com