Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF0350L Datasheet(PDF) 1 Page - Faraday Technology

Part # FF0350L
Description  LOW PASS VIDEO FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FF0350L Datasheet(HTML) 1 Page - Faraday Technology

  FF0350L Datasheet HTML 1Page - Faraday Technology FF0350L Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA170d
Page 1 of 2
Dec-99(A)
STEEPNESS FACTOR 1.35
These low pass video filters are intended for bandwidth limitation over the video range of frequencies. The filters are
7-pole Elliptical Function networks which have been equalised to correct for group delay distortion over 95% of the
passband and for loss distortion over the entire passband. Degradation of a composite video signal is minimal when a
4.5 MHz or 5.5 MHz filter is selected for a 525 or 625 line T.V. system. Typical uses are to suppress sound or
telephone channels placed above and close to the video band. The standard filters are specified. We would be pleased
to examine special requirements.
Order Code
End of Passband
Start of Stopband
Delay Time
MHz
MHz
ns
FF0200L*
2.00
2.69
1274
FF0250L*
2.50
3.37
1019
FF0300L*
3.00
4.04
850
FF0350L*
3.50
4.71
728
FF0400L*
4.00
5.38
637
FF0450L*
4.50
6.06
566
FF0500L*
5.00
6.73
510
FF0550L*
5.50
7.40
463
FF0600L*
6.00
8.08
425
FF0650L*
6.50
8.75
392
FF0700L*
7.00
9.42
364
FF0750L*
7.50
10.10
340
FF0800L*
8.00
10.77
319
FF0850L*
8.50
11.44
300
FF0900L*
9.00
12.13
383
FF0950L*
9.50
12.79
268
FF1000L*
10.00
13.46
255
* insert
suffix ‘D’ for DIP package eg FF0500LD
DR00020B
suffix ‘B’ for BNC package eg FF0500LB
DR00029A
Other data
Impedance
75 ohms
Insertion Loss
< 1.5 dB
Stopband attenuation wrt 100 kHz
> 45 dB
Amplitude ripple in passband
< 0.2 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 0.5 %
Luminance/Chrominance Gain inequality (20T)
< 1.5 %
Luminance/Chrominance Delay inequality
< 5 ns
Aqueous Washable
No
Package
DR00020B
FF….L SERIES
LOW PASS VIDEO FILTER


Similar Part No. - FF0350L

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FF0350J FARADAY-FF0350J Datasheet
126Kb / 2P
   GENERAL PURPOSE VIDEO FILTER
FF0350M FARADAY-FF0350M Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0350P FARADAY-FF0350P Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0350UD FARADAY-FF0350UD Datasheet
85Kb / 2P
   GENERAL PURPOSE LP FILTER
More results

Similar Description - FF0350L

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Asahi Kasei Microsystem...
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
   1ch video amplifier with low pass filter
AKD4252-A AKM-AKD4252-A Datasheet
341Kb / 11P
   1ch video amplifier with low pass filter
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
   Triple/Dual Phase-Equalized, Low-Pass Video Filter
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com