Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S17020G Datasheet(PDF) 1 Page - Faraday Technology

Part # S17020G
Description  GENERAL PURPOSE LP FILTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

S17020G Datasheet(HTML) 1 Page - Faraday Technology

  S17020G Datasheet HTML 1Page - Faraday Technology S17020G Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA165d
Page 1 of 2
Dec-99(B)
STEEPNESS FACTOR 1.72
This range of 5-pole Elliptical Function Low Pass Filters is intended for bandwidth limitation with minimal
distortion of the transmitted signal. The modest rate of cut off minimises time domain ringing The filters are
corrected for Group Delay distortion over 92% of the passband and for loss distortion over the entire
passband. Degradation of a composite video signal is small when a 4.5 MHz or 5.5 MHz filter is selected for a
525 or 625 line T.V. system.
Order Code
End of Passband
Start of Stopband
Group Delay Ripple
Delay Time
MHz
MHz
ns
ns
S17020G
2.00
3.44
65
500
S17025G
2.50
4.30
55
400
S17030G
3.00
5.16
45
333
S17035G
3.50
6.02
40
286
S17040G
4.00
6.88
35
250
S17045G
4.50
7.74
30
222
S17050G
5.00
8.60
25
200
S17055G
5.50
9.46
25
182
S17060G
6.00
10.32
25
167
S17065G
6.50
11.18
20
154
S17070G
7.00
12.04
20
143
S17075G
7.50
12.90
20
133
S17080G
8.00
13.76
15
125
S17085G
8.50
14.62
15
118
S17090G
9.00
15.48
15
111
S17095G
9.50
16.34
15
105
S17100G
10.00
17.20
15
100
Other data
Impedance
75 ohms
Stopband attenuation wrt 100 kHz
> 40 dB
Insertion Loss at 100 kHz
< 1.3 dB
Amplitude ripple in passband
< 0.3 dB
Video performance for filters of 5.0 MHz (4.5 MHz for 525 line) and above.
Pulse and bar: K - rating
< 1.0%
Luminance/Chrominance Gain inequality (20T)
< 3%
Luminance/Chrominance Delay inequality (20T
< 10 ns
Aqueous Washable
Yes
Package
DR00014A
S17 SERIES
GENERAL PURPOSE LP FILTER


Similar Part No. - S17020G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
More results

Similar Description - S17020G

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FLB0275 FARADAY-FLB0275 Datasheet
76Kb / 2P
   GENERAL PURPOSE LP FILTER
FF0200UD FARADAY-FF0200UD Datasheet
85Kb / 2P
   GENERAL PURPOSE LP FILTER
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
   General-purpose filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
List of Unclassifed Man...
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
logo
Faraday Technology
FF0200J FARADAY-FF0200J Datasheet
126Kb / 2P
   GENERAL PURPOSE VIDEO FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com