Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316DS3-S2 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM316DS3-S2
Description  Copper-to-Fiber Media Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316DS3-S2 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM316DS3-S2 Datasheet HTML 1Page - MRV Communications, Inc. EM316DS3-S2 Datasheet HTML 2Page - MRV Communications, Inc. EM316DS3-S2 Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Copper-to-Fiber Media Converters
Overview
Fiber Driver® copper to fiber media conversion modules from
MRV make it easy to merge legacy copper network elements with
new or existing fiber optic infrastructure. LAN communications
may be extended to distances of up to 90 km. In addition, the
Multimode Extender (MX) technology found in select Fiber Driver
products breaks the transmission barrier of multi-mode fiber with
link distances of up to 8 km.
Copper-to-fiber solutions are available for Ethernet, Fast Ethernet,
Gigabit Ethernet, OC-3/STM-1, DS3, and E3. Additional Ethernet
copper-to-fiber solutions are provided by the MRV signal repeater
and switch modules.
Public/Private Network
Management
Station
Server
PBX
SONET - WIRELESS BACKHAUL
METRO ETHERNET LAN, VLAN, AND WAN
LEGACY VOICE/DATA
PBX
Single or Dual Fiber
Server
Single or Dual Fiber
Single or Dual Fiber
Single or Dual Fiber
Central Office or
Head End
Central Office or
Head End
Features
Copper-to-fiber media conversion
Long link range
- 90 km on single-mode (SM)
- 8 km on multi-mode (MM)
Wide protocol support
- Fast and Gigabit Ethernet
- OC-3/STM-1
- DS3 and E3
Network transparency
Single fiber solutions for double network capacity
Fiber Driver remote management and tools
- Command line interface (CLI)
- SNMP support
- MegaVision Pro® and GUI support
- Link Integrity Notification (LIN) status propagation
(on select models)
Fiber Driver platform compatibility
- Single-slot design
- Hot-swap and plug-n-play support
1


Similar Part No. - EM316DS3-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316DS3-S2 MRV-EM316DS3-S2 Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
More results

Similar Description - EM316DS3-S2

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-M MRV-EM316F-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com