Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL715 Datasheet(PDF) 1 Page - Faraday Technology

Part # FL715
Description  Video Oversampling Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FL715 Datasheet(HTML) 1 Page - Faraday Technology

  FL715 Datasheet HTML 1Page - Faraday Technology FL715 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara070d
Page 1 of 2
Aug-05(C)
Features
• Space saving SIL package
Small size, low cost
Sinx/x Selectable or Flat versions
Luminance and Chrominance versions
This range of analogue filters has been designed for use in conjunction with a half band
interpolating/decimating filter such as the TRW2242 or with the many encoder chips available which employ
digital filtering combined with an output D to A converter. This type of digital filtering has good attenuation
between the frequencies of Fs/4 and 3Fs/4 where Fs is the Master Clock rate. When the normal clock rate of
27 MHz is used for the luminance channel the signal can be expected to have insignificant energy between
6.75 MHz and 20.25 MHz.
An analogue filter is required to attenuate the clock and sideband to reconstruct the signal. In order to
preserve the integrity of the signal these filters have a good amplitude and group delay characteristics in the
passband, similar to the requirements of CCIR601 but due to the above considerations do not need
significant attenuation below 21 MHz.
Order code
FL676
FL714
FL677
FL715
Impedance
75
75
75
75
Sinx/x correction
No
Selectable
No
Selectable
Sampling Frequency
27.0 MHz
27.0 MHz
13.5 MHz
13.5 MHz
End of Passband
5.75 MHz
5.75 MHz
2.75 MHz
2.75 MHz
Amp. Ripple
Flat
< 0.1 dB
< 0.1 dB
< 0.1 dB
< 0.1 dB
Sinx/x
1
-
< ± 0.2 dB
-
< ± 0.2 dB
G.D. ripple
Flat
< 6 ns
< 6 ns
< 12 ns
< 12 ns
Sinx/x
-
< 10 ns
-
< 20 ns
Start of stopband
21.5 MHz
21.5 MHz
10.75 MHz
10.75 MHz
Stopband atten.
2
>40 dB
> 40 dB
> 40 dB
> 40 dB
Delay time nom.
3
30 ns
27 ns
58 ns
50 ns
Aqueous Washable
Yes
Yes
Yes
Yes
Package
DR00034A
DR00064B
DR00034A
DR00064B
1 Sinx/x amplitude ripple measured wrt 100 kHz
2 Stopband attenuation measured wrt 100 kHz
3 Nominal delay time measured at 200 kHz
Other package sizes and styles are available
Video Oversampling Filters
SIL RANGE


Similar Part No. - FL715

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
FL700 EXTECH-FL700 Datasheet
105Kb / 10P
   Fluoride Meter
logo
ON Semiconductor
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
FL73282MX ONSEMI-FL73282MX Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Delta Electronics, Inc.
FL75L05 DELTA-FL75L05 Datasheet
344Kb / 7P
   ROHS Compliant
FL75L05-A DELTA-FL75L05-A Datasheet
1Mb / 11P
   Small size: 25.4mm x 25.4mm x 12.0mm
More results

Similar Description - FL715

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
REYFA FARADAY-REYFA Datasheet
71Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
OCYSA FARADAY-OCYSA Datasheet
27Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
ODYFA FARADAY-ODYFA Datasheet
48Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
RAYSA FARADAY-RAYSA Datasheet
71Kb / 3P
   VIDEO OVERSAMPLING SMD FILTERS
OAYSA FARADAY-OAYSA Datasheet
58Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
OBYPB FARADAY-OBYPB Datasheet
84Kb / 2P
   VIDEO OVERSAMPLING SMD FILTERS
FL1300 FARADAY-FL1300 Datasheet
74Kb / 2P
   OVERSAMPLING FILTERS
logo
Analog Devices
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
   10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com