Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC316RB23-4 Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # NC316RB23-4
Description  Fiber Driver짰 Chassis
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

NC316RB23-4 Datasheet(HTML) 3 Page - MRV Communications, Inc.

  NC316RB23-4 Datasheet HTML 1Page - MRV Communications, Inc. NC316RB23-4 Datasheet HTML 2Page - MRV Communications, Inc. NC316RB23-4 Datasheet HTML 3Page - MRV Communications, Inc. NC316RB23-4 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Media Converters
Repeaters and Optimizers
sales@mrv.com
Model
Description
Physical Dimensions (hight x width x depth)
Weight
NC316BU-1/AC
One-slot, AC power
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-1/DC
One-slot, DC power
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-1/AC/EU
One-slot, VAC power (European version)
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-1HP/AC
One-slot, AC power
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-1HP/DC
One-slot, DC power
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-1/NP
One-slot, no power supply (passive
application only)
38 mm x 159 mm x 199 mm (1.50” x 6.26” x 7.83”)
1.0 kg (2.2 lbs)
NC316BU-2/AC
Two-slot, AC power
65 mm x 159 mm x 197 mm (2.56” x 6.26” x 7.75”)
1.4 kg (3.1 lbs)
NC316BU-2/DC
Two-slot, DC power
65 mm x 159 mm x 197 mm (2.56” x 6.26” x 7.75”)
1.4 kg (3.1 lbs)
NC316BU-3/AC
Three-slot Telco, for19” rack, AC power
44 mm x 439 mm x 203 mm (1.73” x 17.28” x 7.99”)
3.1 kg (6.8 lbs)
NC316BU-3/DC
Three-slot Telco, for19” rack, DC power
44 mm x 439 mm x 203 mm (1.73” x 17.28” x 7.99”)
3.0 kg (6.6 lbs)
NC316BU-4/AC
Four-slot, for 19” rack, AC power
44 mm x 439 mm x 434 mm (1.73” x 17.28” x 17.09”)
7.7 kg (17.0 lbs)
NC316BU-4/DC
Four-slot, for 19” rack, DC power
44 mm x 439 mm x 434 mm (1.73” x 17.28” x 17.09”)
7.7 kg (17.0 lbs)
NC316BU-4S/AC
Four-slot, for 19” rack, AC power
44 mm x 439 mm x 305 mm (1.73” x 17.28” x 12.00”)
4.5 kg (9.9 lbs)
NC316BU-4S/DC
Four-slot, for 19” rack, DC power
44 mm x 439 mm x 305 mm (1.73” x 17.28” x 12.00”)
4.5 kg (9.9 lbs)
NC316BU4PMC/NP
Non-managed, non-powered four-slot
chassis for passive Mux/Demux modules
44 mm x 441 mm x 286 mm (1.73” x 17.36” x 11.26”)
4.3 kg (9.6 lbs)
NC316BU-16/AC
Sixteen-slot, for 19” rack, AC power
110 mm x 439 mm x 408 mm (4.33” x 17.28” x 16.06”)
8.8 kg (19.4 lbs)
NC316BU-16/DC
Sixteen-slot, for 19” rack, DC power
110 mm x 439 mm x 408 mm (4.33” x 17.28” x 16.06”)
8.7 kg (19.2 lbs)
NC316BU-16T/DC
Sixteen-slot Telco, for 23” rack, DC power
132 mm x 541 mm x 254 mm (5.20” x 21.30” x 10.00”)
8.2 kg (18.1 lbs)
CHASSIS


Similar Part No. - NC316RB23-4

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
NC316-144 MRV-NC316-144 Datasheet
962Kb / 4P
   Media Cross Connect??(MCC) Product Family
NC316-288 MRV-NC316-288 Datasheet
962Kb / 4P
   Media Cross Connect??(MCC) Product Family
NC316-72 MRV-NC316-72 Datasheet
962Kb / 4P
   Media Cross Connect??(MCC) Product Family
NC316144RPSAC MRV-NC316144RPSAC Datasheet
293Kb / 3P
   Optical Cross Connect
NC316144RPSDC MRV-NC316144RPSDC Datasheet
293Kb / 3P
   Optical Cross Connect
More results

Similar Description - NC316RB23-4

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316LNXNM-OT MRV-EM316LNXNM-OT Datasheet
416Kb / 3P
   Fiber Driver짰 Network Management with Linux
logo
Texas Instruments
SN65HVD10DG4 TI-SN65HVD10DG4 Datasheet
559Kb / 28P
[Old version datasheet]   Chassis-to-Chassis Interconnects
logo
ORing Industrial Networ...
RMC-1000 ORING-RMC-1000 Datasheet
1Mb / 3P
   Industrial rack-mount Ethernet to fiber media converter Chassis with 18 slots
logo
THOR communications
F-CHASSIS THOR-F-CHASSIS Datasheet
2Mb / 1P
   The Thor Fiber Chassis systems are designed with system flexibility in mind.
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
List of Unclassifed Man...
NL4MP ETC2-NL4MP Datasheet
239Kb / 5P
   Chassis Connectors
logo
Bud Industries, Inc.
TBC-14252 BUD-TBC-14252 Datasheet
103Kb / 1P
   INTERNAL CHASSIS
C-14431 BUD-C-14431 Datasheet
131Kb / 1P
   RACKMOUNT CHASSIS
TBC-14262 BUD-TBC-14262 Datasheet
103Kb / 1P
   INTERNAL CHASSIS
TBC-14253 BUD-TBC-14253 Datasheet
103Kb / 1P
   INTERNAL CHASSIS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com