Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4809CKS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRB4809CKS-1W
Description  DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB4809CKS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRB4809CKS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB4809CKS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_CKS-1W & WRB_CKS-1W
A/0-2008
Page 1 of 2
WRA_CKS-1W & WRB_CKS-1W Series
1W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max**
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505CKS-1W *
±5
±100
±10
76
WRA0509CKS-1W *
±9
±55
±6
78
WRA0512CKS-1W *
±12
±42
±4
78
WRA0515CKS-1W *
±15
±33
±3
78
WRB0505CKS-1W *
5
200
20
76
WRB0509CKS-1W *
9
111
11
78
WRB0512CKS-1W *
12
83
8
78
WRB0515CKS-1W *
5
4.5-9.0
11
15
67
7
78
WRA1205CKS-1W *
±5
±100
±10
78
WRA1209CKS-1W *
±9
±55
±6
79
WRA1212CKS-1W *
±12
±42
±4
80
WRA1215CKS-1W *
±15
±33
±3
80
WRB1205CKS-1W *
5
200
20
78
WRB1209CKS-1W *
9
111
11
79
WRB1212CKS-1W *
12
83
8
80
WRB1215CKS-1W *
12
9.0-18
22
15
67
7
80
WRA2405CKS-1W
±5
±100
±10
78
WRA2409CKS-1W *
±9
±55
±6
82
WRA2412CKS-1W *
±12
±42
±4
83
WRA2415CKS-1W *
±15
±33
±3
83
WRB2405CKS-1W
5
200
20
78
WRB2409CKS-1W *
9
111
11
82
WRB2412CKS-1W *
12
83
8
83
WRB2415CKS-1W *
24
18-36
40
15
67
7
83
WRA4805CKS-1W *
±5
±100
±10
76
WRA4809CKS-1W *
±9
±55
±6
78
WRA4812CKS-1W *
±12
±42
±4
80
WRA4815CKS-1W *
±15
±33
±3
80
WRB4805CKS-1W *
5
200
20
76
WRB4809CKS-1W *
9
111
11
78
WRB4812CKS-1W *
12
83
8
80
WRB4815CKS-1W *
48
36-72
80
15
67
7
80
* Designing.
**Input voltage can
’t exceed this value, or will cause the permanent damage.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Voltage accuracy Input voltage range refer to output load
±1
±3
10% to 100% load(WRB_CKS-1W)
±0.5
±0.75
Load Regulation
10% to 100% load(WRA_CKS-1W) *
±0.5
±1.0
Line Regulation
Input voltage from Low To high
±0.2
±0.5
%
Temperature Drift (Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise
20MHz Bandwidth
25
75
mVp-p
Switching Frequency
Input voltage range 100% load
180-500(PFM)
KHz
* Dual output models unbalanced load(25/100%):
±5%Max
FEATURES
Wide (2:1) Input Range
I/0 Isolation 1500VDC
Short circuit protection(automatic recovery)
External On/Off control
Internal SMD construction
Operating Temperature: -40
°C to +85°C
Regulated Outputs
UL94-V0 Package
RoHS Compliance
APPLICATIONS
The WRA_CKS-1W & WRB_CKS-1W Series
are specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRA2412CKS-1W
Product Series
Input Voltage
Output Voltage
Package Style
R ated Power
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - WRB4809CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB4809CS-1W MORNSUN-WRB4809CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB4809CS-2W MORNSUN-WRB4809CS-2W Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB4809CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE0505CKS-1W MORNSUN-WRE0505CKS-1W Datasheet
140Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
   SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
   1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1S8W GAPTEC-1S8W Datasheet
2Mb / 7P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated SIP - DC-DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com