Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA4809CKS-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRA4809CKS-1W
Description  DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA4809CKS-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRA4809CKS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA4809CKS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_CKS-1W & WRB_CKS-1W
A/0-2008
Page 2 of 2
COMMON SPECIFICATION
APPLICATION NOTE
Item
Test Conditions
Min
Typ
Max
Units
Storage Humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-50
125
Temp. Rise at Full Load
15
35
Lead Temperature
1.5mm from case for 10 seconds
300
°C
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
100KHz,1V
35
PF
No-load power consumption
120
mW
Cooling
Free Air Convection
Short Circuit Protection
Continuous, Automatic recovery
Case Material
Plastic(UL94-V0)
MTBF
1000
K hours
Weight
5
g
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
3. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
4. See below recommended circuits for more details.
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
100
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
FOOTPRINT DETAILS
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch),
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin section tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
Dual/Single Output
Pin
Single
Dual
1
2
3
5
GND
Vin
+Vo
NC
0V
7
8
6
CTRL
-Vo
GND
Vin
+Vo
NC
0V
CTRL
CS
22.00 (0.866)
2 35
2
6 78
1
NC:No Connection
First Angle Projection
3
5
Side View
Bottom View
Recommended circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Single Output
+Vo
0V
Co ut
6
7
8
Cs
Cin
Vin
G ND
2
1
3
Vc
R
Lin
Ic
D1
Dual Output
+Vo
0V
Cout
6
8
7
Cout
L out
L out
-Vo
C in
V in
G ND
2
1
3
Vc
R
Lin
Ic
D1
(Figure 1)
However, the capacitance of the output filter
capacitor must be proper. If the capacitance is too
big, a startup problem might arise. For every
channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of
its filter capacitor sees (Table 1). General:
Cin:
5V,12V
100
μF
24V,48V
10uF
Cout:
47
μF(typ)
Lin:
4.7
μH -120μH
Lout:
2.2
μH-10μH
Cs:
10uF-22uF
External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
5
680
±5
330
9
560
±9
270
12
470
±12
220
15
330
±15
150
CTRL Terminal
When open or high impedance,the converter
work well; When this pin is
‘high’; the converter
shutdown; It should be note that the input
current (Ic) should between 5-10mA, exceeding
the maximum
20mA will cause permanence
damage to the converter. The value of R Can be
derived as follows :
R=
Input current
While using unstable power source, please
ensure the output voltage and ripple voltage do
not
excced
indexes
of
the
converter.
The
preceding power source must be able to provide
for converter sufficient starting current Ip (Figure
2).General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.
VC-VD -1.0
Ic


Similar Part No. - WRA4809CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA4809CS-1W MORNSUN-WRA4809CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA4809CS-2W MORNSUN-WRA4809CS-2W Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRA4809CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE0505CKS-1W MORNSUN-WRE0505CKS-1W Datasheet
140Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
   SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
   1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1S8W GAPTEC-1S8W Datasheet
2Mb / 7P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated SIP - DC-DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com