Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2405D-10W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRB2405D-10W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB2405D-10W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRB2405D-10W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB2405D-10W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_D-10W & WRB_D_10W
A/2-2008
Page 1 of 2
WRA_D-10W & WRB_D-10W Series
10W, 2:1 WIDE INPUT ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505D-10W
±5
±1000
±100
76
WRA0512D-10W
±12
±416
±42
80
WRA0515D-10W
±15
±333
±33
82
WRB0505D-10W
5
2000
200
76
WRB0512D-10W
12
833
83
80
WRB0515D-10W
5
4.5-9
11
15
666
66
82
WRA1205D-10W
±5
±1000
±100
80
WRA1212D-10W
±12
±416
±42
82
WRA1215D-10W
±15
±333
±33
84
WRB1203D-10W
3.3
3030
300
77
WRB1205D-10W
5
2000
200
80
WRB1212D-10W
12
833
83
82
WRB1215D-10W
15
666
66
84
WRB1224D-10W
12
9-18
20
24
416
42
85
WRA2405D-10W
±5
±1000
±100
82
WRA2412D-10W
±12
±416
±42
84
WRA2415D-10W
±15
±333
±33
86
WRB2403D-10W
3.3
3030
300
78
WRB2405D-10W
5
2000
200
82
WRB2412D-10W
12
833
83
84
WRB2415D-10W
15
666
66
85
WRB2424D-10W
24
18-36
40
24
416
42
86
WRA4805D-10W
±5
±1000
±100
82
WRA4812D-10W
±12
±416
±42
84
WRA4815D-10W
±15
±333
±33
85
WRB4803D-10W
3.3
3030
300
78
WRB4805D-10W
5
2000
200
82
WRB4812D-10W
12
833
83
83
WRB4815D-10W
15
666
66
85
WRB4824D-10W
48
36-72
80
24
416
42
86
*Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification
listed.
OUTPUT SPECIFICATION
Item
Test conditions
Min
Typ
Max
Units
Output Power
See below products program
1
10
W
Positive Voltage Accuracy
Refer to recommended circuit
±1
±3
Negative Voltage Accuracy
Refer to recommended circuit
±3
±5
Load Regulation
From 10% To 100% load
±0.5
±1*
Line Regulation(at full load) Input voltage from low to high
±0.2
±0.5
%
Temperature Drift(Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple**
20MHz bandwidth
20
50
Noise**
20MHz bandwidth
85
150
mVp-p
Switching Frequency
100% load, Input voltage range
300
KHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
FEATURES
Wide (2:1) Input Range
DIP package
Efficiency up to 86%
1.5KVDC Input/Output Isolation
Short Circuit Protection(automatic recovery)
Operating Temperature: -40
°C to +85°C
Metal Shielding Package
No Heat Sink Required
Industry Standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRA_D-10W & WRB_D-10W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is
wide range (voltage range
≤2:1);
2) Where isolation is necessary between input
and output(Isolation Voltage
≤ 1500VDC);
3) Where the regulation of the output voltage and
the output ripple noise are demanded.
MODEL SELECTION
WRA0515D-10W
Product Series
Input Voltage
Output Voltage
Pa ckage Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - WRB2405D-10W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB2405CKS-1W MORNSUN-WRB2405CKS-1W Datasheet
156Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
WRB2405CS-1W MORNSUN-WRB2405CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2405CS-2W MORNSUN-WRB2405CS-2W Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2405CS-3W MORNSUN-WRB2405CS-3W Datasheet
126Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB2405LT-2W MORNSUN-WRB2405LT-2W Datasheet
150Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

Similar Description - WRB2405D-10W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com