Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316F-S3 Datasheet(PDF) 1 Page - MRV Communications, Inc.

Part # EM316F-S3
Description  Copper to Fiber Media Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316F-S3 Datasheet(HTML) 1 Page - MRV Communications, Inc.

  EM316F-S3 Datasheet HTML 1Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 2Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 3Page - MRV Communications, Inc. EM316F-S3 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FD
Datasheet
Media Converters
Repeaters and Optimizers
sales@mrv.com
Copper to Fiber Media Converters
Overview
Fiber Driver® copper to fiber media conversion modules from MRV make
it easy to merge legacy copper network elements with new or existing
fiber optic infrastructure. LAN communications may be extended to
distances of up to 90 km. In addition, the Multimode Extender (MX)
technology found in select Fiber Driver products breaks the transmission
barrier of multi-mode fiber with link distances of up to 8 km.
Copper-to-multi-mode
and
copper-to-single-mode
solutions
are
available for Ethernet, Fast Ethernet, Gigabit Ethernet, copper Gigabit
Ethernet, OC-3/STM-1, DS3, and E3. Additional Ethernet copper-to-fiber
solutions are provided by the MRV signal repeater and switch modules.
The Fiber Driver product family provides many conversion solutions with
greater distances and better manageability than other product lines on
the market. For additional information including pricing and availability,
contact your nearest authorized MRV representative.
*Available on select models
Features
Copper-to-fiber media conversion
Link distances up to 130 km over single-mode fiber
Link distances up to 8 km over multi-mode fiber
Wide protocol support
- Ethernet
- Fast Ethernet
- Gigabit Ethernet
- Copper Gigabit Ethernet
- OC-3/STM-1
- DS3
- E3
Network transparency
Hot-swap support
Plug-n-play functionality
Single slot design
SNMP management
MegaVision Pro® support for graphical management
Link Integrity Notification* (LIN) for end-to-end link-
state propagation
Fiber Driver chassis compatibility with single slot design


Similar Part No. - EM316F-S3

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-S3 MRV-EM316F-S3 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results

Similar Description - EM316F-S3

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com