Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM316F-S1 Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # EM316F-S1
Description  Copper to Fiber Media Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316F-S1 Datasheet(HTML) 2 Page - MRV Communications, Inc.

  EM316F-S1 Datasheet HTML 1Page - MRV Communications, Inc. EM316F-S1 Datasheet HTML 2Page - MRV Communications, Inc. EM316F-S1 Datasheet HTML 3Page - MRV Communications, Inc. EM316F-S1 Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Media Converters
Repeaters and Optimizers
sales@mrv.com
Ordering Information
Model
Function
Protocol
Connectors¹
Port/Link
Wavelength
(nm)
Min. Budget
Loss (dB)
Approx. Range²
(km)
DUAL FIBER
EM316F/M
100Base-TX to 100Base-FX MM
Fast Ethernet
RJ-45/DSC
1310
DL³
0 - 2
EM316F/MX
100Base-TX to 100Base-FX Extended MM
Fast Ethernet
RJ-45/DSC
1310
DL³
2 - 8
EM316F/S1
100Base-TX to 100Base-FX SM
Fast Ethernet
RJ-45/DSC
1310
17
0 - 35
EM316F/S2
100Base-TX to 100Base-FX SM
Fast Ethernet
RJ-45/DSC
1310
24
25 - 45
EM316F/S3
100Base-TX to 100Base-FX SM
Fast Ethernet
RJ-45/DSC
1550
24
35 - 90
EM316O3C/M
OC-3/STM-1 Coax to OC-3/STM-1 MM
OC-3/STM-1
BNC/DSC
1310
DL³
0 - 2
EM316O3C/S1
OC-3/STM-1 Coax to OC-3/STM-1 SM
OC-3/STM-1
BNC/DSC
1310
17
0 - 35
EM316O3C/S2
OC-3/STM-1 Coax to OC-3/STM-1 SM
OC-3/STM-1
BNC/DSC
1310
24
25 - 45
EM316O3C/S3
OC-3/STM-1 Coax to OC-3/STM-1 SM
OC-3/STM-1
BNC/DSC
1550
24
35 - 90
EM316DS3/M
DS3 Coax to DS3 MM
DS3
BNC/DSC
1310
DL³
0 - 2
EM316DS3/S1
DS3 Coax to DS3 SM
DS3
BNC/DSC
1310
17
0 - 35
EM316DS3/S2
DS3 Coax to DS3 SM
DS3
BNC/DSC
1310
24
25 - 45
EM316DS3/S3
DS3 Coax to DS3 SM
DS3
BNC/DSC
1550
24
35 - 90
EM316E3/M
E3 Coax to E3 MM
E3
BNC/DSC
1310
DL³
0 - 2
EM316E3/S1
E3 Coax to E3 SM
E3
BNC/DSC
1310
17
0 - 35
EM316E3/S2
E3 Coax to E3 SM
E3
BNC/DSC
1310
24
25 - 45
EM316E3/S3
E3 Coax to E3 SM
E3
BNC/DSC
1550
24
35 - 90
¹ Default connectors listed, other connectors are optional
² All specifications, distance claims and operational parameters are based on industry average fiber cable performance; 9µ Singlemode performance of 0.25 dB/km for 1550
nm and 0.5 dB/km for 1310 nm, and 62.5µ Multimode performance of 3 dB/km for 850 nm and 1.5 dB/km for 1300 nm. For non-standard fiber applications or additional
information contact MRV Communications
³ Dispersion Limited
Physical Specifications
Operating Temperature Range
0
0C to 500C (320F to 1220F)
Operating Temperature Range (LT)
-40
0C to 600C (-400F to 1400F)
Storage Temperature
-40
0C to 700C (-400F to 1580F)
Storage Temperature (LT)
-45
0C to 850C (-490F to 1850F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
25 mm x 75 mm x 175 mm deep (1” x 3” x 7” deep)
Weight
120-240 g (4.2 - 8.5 oz) depending on configuration
Regulatory Compliance
FCC Part 15 (Class A); IC (Class A); EMC Directive: Emission (Class A) and Immunity;
RoHS Directive; China RoHS; WEEE Directive


Similar Part No. - EM316F-S1

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316F-S1 MRV-EM316F-S1 Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
More results

Similar Description - EM316F-S1

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316GCL-M MRV-EM316GCL-M Datasheet
539Kb / 3P
   Copper-to-Fiber Media Converters
EM316EFRM-M MRV-EM316EFRM-M Datasheet
376Kb / 5P
   Copper-to-Fiber Media Converters
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
   Copper to Fiber Media Converter
050-105 GLENAIR-050-105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_201 GLENAIR-050_201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
050-205 GLENAIR-050-205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050_501 GLENAIR-050_501 Datasheet
703Kb / 13P
   Copper to Fiber Aggregation Media Converter
050_105 GLENAIR-050_105 Datasheet
577Kb / 15P
   Copper to Fiber Ethernet Media Converter
050_205 GLENAIR-050_205 Datasheet
714Kb / 11P
   Copper to Fiber DVI Media Converter
050-201 GLENAIR-050-201 Datasheet
388Kb / 4P
   DVI Copper to Fiber Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com