Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB0515YMD-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRB0515YMD-6W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB0515YMD-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRB0515YMD-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB0515YMD-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_YMD-6W & WRB_YMD-6W
A/2-2008
Page 1 of 2
WRA_YMD-6W & WRB_YMD-6W Series
6W, WIDE INPUT ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRA0505YMD-6W
±5
±600
±60
76
WRA0512YMD-6W
±12
±250
±25
80
WRA0515YMD-6W
±15
±200
±20
82
WRB0505YMD-6W
5
1200
120
76
WRB0512YMD-6W
12
500
50
80
WRB0515YMD-6W
5
4.5-9
11
15
400
40
82
WRA1205YMD-6W
±5
±600
±60
79
WRA1212YMD-6W
±12
±250
±25
82
WRA1215YMD-6W
±15
±200
±20
84
WRA1224YMD-6W
±24
±125
±13
82
WRB1205YMD-6W
5
1200
120
79
WRB1212YMD-6W
12
500
50
82
WRB1215YMD-6W
15
400
40
84
WRB1224YMD-6W
12
9-18
20
24
250
25
82
WRA2405YMD-6W
±5
±600
±60
81
WRA2412YMD-6W
±12
±250
±25
84
WRA2415YMD-6W
±15
±200
±20
86
WRA2424YMD-6W
±24
±125
±13
84
WRB2403YMD-6W
3.3
1500
150
78
WRB2405YMD-6W
5
1200
120
80
WRB2412YMD-6W
12
500
50
84
WRB2415YMD-6W
15
400
40
86
WRB2424YMD-6W
24
18-36
40
24
250
25
85
WRA4805YMD-6W
±5
±600
±60
80
WRA4812YMD-6W
±12
±250
±25
84
WRA4815YMD-6W
±15
±200
±20
85
WRA4824YMD-6W
±24
±125
±13
86
WRB4803YMD-6W
3.3
1500
150
78
WRB4805YMD-6W
5
1200
120
80
WRB4812YMD-6W
12
500
50
84
WRB4815YMD-6W
15
400
40
86
WRB4824YMD-6W
48
36-72
80
24
250
25
85
*Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See above products program
0.6
6
W
Positive Voltage Accuracy
Refer to recommended circuit
±1
±3
Negative Voltage Accuracy
Refer to recommended circuit
±3
±5
Load Regulation
From 10% To 100% load
±0.5
±1*
Line Regulation(at full load) Input voltage from low to high
±0.2
±0.5
%
Temperature Drift(Vout)
Refer to recommended circuit
0.02
%/
°C
Ripple**
20MHz bandwidth
20
50
Noise**
20MHz bandwidth
50
100
mVp-p
Switching Frequency
100% load, nominal Input voltage
300
KHz
FEATURES
Efficiency up to 86%
DIP Package
Operating Temperature: -40
°C to +85°C
1.5KVDC Isolation
Metal Case Package
No Heat sink Required
Industry Standard Pin out
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The WRA_YMD-6W/WRB_YMD-6W Series
are specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤2:1);
2) Where isolation is necessary between input
and output (Isolation voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are dem anded.
MODEL SELECTION
WRA2415YMD-6W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
* Dual output models unbalanced load:
±5%.
* * Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - WRB0515YMD-6W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB0515YMD-6W MICRODC-WRB0515YMD-6W Datasheet
989Kb / 3P
   WIDEINPUT,ISOLATED®ULATEDDual/SingleOutputDC/DCConverter
More results

Similar Description - WRB0515YMD-6W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com