Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB1212MD-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # MSB1212MD-3W
Description  DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

MSB1212MD-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  MSB1212MD-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. MSB1212MD-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. MSB1212MD-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
MSA_((M)D-3W&MSB_(M)D-3W
A/2-2009
Page 2 of 3
OUTPUT SPECIFICATIONS
TYPICAL CHARACTERISTICS
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
See below products program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
Load regulation
From 10% to 100% load
±0.5
±1*
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift(Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise**
20MHz Bandwidth
50
100
mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Operating Temp.(
)
C
100
COMMON SPECIFICATIONS
RECOMMENDED CIRCUIT
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
No-load Power consumption
0.2
W
Cooling
Free air convection
Short circuit protection
Continuous, Automatic Recovery
Case material
D: Plastic (UL94-V0);
MD: Steel, Nickel Coated
MTBF
1000
K hours
Weight
15
g
APPLICATION NOTE
Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load
(namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the
specified range of input voltage is not exceeded, the minimum output load no less than 10%
load. If the actual load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly. If the actual output power is very
small, please add an appropriate resistor as extra loading, or contact our company for other
lower output power products.
Recommended Circuit
All the MSA_(M)D-3W & MSB_(M)D-3W Series have been tested according to the following
recommended testing circuit before leaving factory. This series should be tested under load.
Never be tested under no load (see Figure 1).
If you want to further decrease the input/output ripple, you can increase capacitance properly
or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must
be proper. If the capacitance is too big, a startup problem might arise. For every channel of
output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter
capacitor sees (Table 1). Generally: If you want to use the products in high EMI, please choose
our metal packaged products (MSA_MD-3W & MSB_MD- 3W). General:
Cin:
5V&12V
100
μF
24V&48V
10
μF-47μF
Cout: 10
μF/100mA
Input Current
When it is used in unregulated power supply, be sure that the fluctuating range of the power
supply and the rippled voltage do not exceed the module standard. Input current of power
supply should afford the startup current of this kind of DC/DC module (See figure 2), General:
Ip
≤1.4*Iin-max
No parallel connection or plug and play
DC
DC
Vin
GND
+Vout
0V
Cin
Vin
GND
+Vout
0V
Cin
DC
DC
-Vout
Single Output
(Figure 1)
Input Voltage (V)
Input Voltage
Range
Ip
Output External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
5
1000
±5
680
9
680
±9
470
12
470
±12
330
15
330
±15
220
24
220
±24
100


Similar Part No. - MSB1212MD-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
MSB1212(M)D-3W MORNSUN-MSB1212(M)D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSB1212MD-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-3W MORNSUN-WRA0505ZP-3W Datasheet
166Kb / 2P
   DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com