Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFA2415MP-6W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # UFA2415MP-6W
Description  DUAL & SINGLE OUTPUT, DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

UFA2415MP-6W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  UFA2415MP-6W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. UFA2415MP-6W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
UFA_MP-6W & UFB_MP-6W
A/2-2008
Page 1 of 2
UFA_MP-6W & UFB_MP-6W Series
6W, WIDE INPUT, ISOLATED & REGULATED
DUAL & SINGLE OUTPUT, DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal Range
Max**
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
UFA2405MP-6W
±5
±600
±60
80
UFA 2412MP-6W
±12
±250
±25
80
UFA 2415MP-6W
±15
±200
±20
82
UFA 2424MP-6W
±24
±125
±13
85
UFB2403MP-6W
3.3
1500
150
78
UFB2405MP-6W
5
1200
120
80
UFB2412MP-6W
12
500
50
82
UFB2415MP-6W
15
400
40
82
UFB2424MP-6W
24
9-36
40
24
250
25
83
UFA4805MP-6W *
±5
±600
±60
80
UFA4812MP-6W
±12
±250
±25
82
UFA4815MP-6W
±15
±200
±20
84
UFA4824MP-6W
±24
±125
±13
85
UFB4803MP-6W *
3.3
1500
150
76
UFB4805MP-6W
5
1200
120
80
UFB4812MP-6W
12
500
50
84
UFB4815MP-6W
15
400
40
85
UFB4824MP-6W
48
18-75
80
24
250
25
86
* Designing.
* * Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output Power
See below products program
6
W
Line Regulation(at full load) Input voltage from low to high
±0.2
±0.5
Load Regulation
From 10% To 100% load
±0.5
±2*
Positive Voltage Accuracy
Refer to recommended circuit
±1
±3
Negative Voltage Accuracy
Refer to recommended circuit
±3
±5
%
Temperature Drift(Vout)
Refer to recommended circuit
0.02
%/
°C
Ripple**
20MHz bandwidth
30
50
Noise**
20MHz bandwidth
100
300
mVp-p
Switching Frequency
100% load, nominal Input voltage
300
KHz
* Dual output models unbalanced load:
±5%.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
FEATURES
Efficiency up to 86%
Wide (4:1) Input Range
1.5KVDC Input/Output Isolation
Continuous Short Circuit Protection
Operating Temperature: -40
°C to +85°C
Internal SMD construction
Metal Shielding Package
No Heat Sink Required
Industry Standard Pinout
MTBF>1,000,000 hours
RoHS Compliance
APPLICATIONS
The UFA_MP-6W & UFB_MP-6W Series are
specially designed for applications where a wide
range input voltage power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤4:1);
2) Where isolation is necessary between input
and output(Isolation Voltage
≤1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
UFA2405MP-6W
Product S er ies
Input Voltage
Output Voltage
Package S tyle
Rated P ower
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - UFA2415MP-6W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UFA15M PANJIT-UFA15M Datasheet
229Kb / 5P
   SURFACE MOUNT ULTRAFAST RECTIFIER
April 24,2018-REV.00
UFA15M_R2_00001 PANJIT-UFA15M_R2_00001 Datasheet
229Kb / 5P
   SURFACE MOUNT ULTRAFAST RECTIFIER
April 24,2018-REV.00
More results

Similar Description - UFA2415MP-6W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com