Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE350J Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # P4KE350J
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P4KE350J Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  P4KE350J Datasheet HTML 1Page - MIC GROUP RECTIFIERS P4KE350J Datasheet HTML 2Page - MIC GROUP RECTIFIERS P4KE350J Datasheet HTML 3Page - MIC GROUP RECTIFIERS P4KE350J Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P4KE6.8 THRU P4KE440CA(GPP)
Breakdown Voltage
6.8 to 400 Volts
P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
400 Watts
RATING AND CHARACTERISTIC CURVES P4KE6.8/J THRU P4KE440CA/J
td
COPPER HEAT SINKS
(
40×40×1mm)
1.6×1.6×.040"
WM
VOLTAGE, V
STAND-OFF
HEASURED AT DEVICES
LEAD LENGTHS
L = 0.375" (9.5mm)
Resistive or induction load
60 Hz
TA=25 ℃
TJ=TJ max
8.3ms Single Half Since-Wave
JEDEC Method
V MW
Voltage (
)
Stand-Off
Measured at
Zero Blas
Measured at
TJ=25 ℃
f = 1.0MHz
Vsig = 50mVp-p
tf=10use
lppm
Peak Value
Half Value-lpp
2
10/1000usec Waveform
as Defined by R.E.A.
Shown in Figure 3
TA=25 ℃
Pulse Waveform
Non-Repetitive
Current Decays to 50% of lpp
Pulse Width (td)is Defined
as the Point Where the Peak
(
BR)
V
,BREAKDOWN VOLTAGE, VOLTS
FIG.7- TYPICAL REVERSE LEAKAGE CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG.6 - MAXMIUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
L
T ,LEAD TEMPERATURE ℃
FIG.5- STEADY STATE POWER DERATING CURVE
VOLTS
V
,BREALDOWN VOLTAGE,
(
BR)
UNIDIRECTIONAL
FIG.4- TYPICAL JUNCTION CAPACITANCE
t, TIME, ms
A
T , AMBIENT TEMPERATURE (℃)
t ,PULSE WIDTH, SEC
d
FIG.3- PULSE WAVEFORM
FIG.2- PULSE DERATING CURVE
FIG.1- PEAK PULSE POWER RATING CURVE
100
10
1
0.1
0.01
500
400
300
200
100
0
50
40
30
20
10
0
0.75
0
0.25
0.50
1.00
200
175
150
125
100
75
50
25
0
1
10
100
100,000
200
100
10
1.0
10,000
1000
10
4.0
3.0
2.0
1.0
0
0
50
100
150
1.0ms
100μs
10μs
1.0μs
0.1μs
10ms
100
0.1
10
1.0
200
175
150
125
100
75
50
25
0
0
25
50
75
100


Similar Part No. - P4KE350J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE350 PANJIT-P4KE350 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE350 YFWDIODE-P4KE350 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Rugao Dachang Electroni...
P4KE350 DACHANG-P4KE350 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE350 DIOTEC-P4KE350 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE350 LUGUANG-P4KE350 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE350J

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
30KPA28A SMC-30KPA28A Datasheet
716Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
Shenzhen Luguang Electr...
15KP12 LUGUANG-15KP12 Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com