Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE75A Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # P6KE75A
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P6KE75A Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  P6KE75A Datasheet HTML 1Page - MIC GROUP RECTIFIERS P6KE75A Datasheet HTML 2Page - MIC GROUP RECTIFIERS P6KE75A Datasheet HTML 3Page - MIC GROUP RECTIFIERS P6KE75A Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P6KE6.8 THRU P6KE440CA(GPP)
Breakdown Voltage
6.8 to 440 Volts
P46KE6.8J THRU P6KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
600 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted)
Breakdown Voltage
at Test Current IT
MIN
MAX
Stand-off
Voltage
Maximum
Reverse
Leakage
at VWM
Maximum
Peak Pulse
Current
Maximum
Clamping
Voltage
at IPPM
Maximum
Temperature
Coefficient
of VBR
VBR(V)
IT(mA)
VWM
ID(μA)
IPPM (A)
VC (V)
XVZ(%℃)
Device
Type
Note 1
Note 3
Note 2
P6KE62A/J
58.9
65.1
1
53
5
7.1
85
0.104
P6KE68/J
61.2
74.8
1
55.1
5
6..1
98
0.104
P6KE68A/J
64.6
71.4
1
58.1
5
6.5
92
0.104
P6KE75/J
67.5
82.5
1
60.7
5
5.6
108
0.105
P6KE75A/J
71.3
78.8
1
64.1
5
5.8
103
0.105
P6KE82/J
73.8
90.2
1
66.4
5
5.1
116
0.105
P6KE82A/J
77.9
86.1
1
70.1
5
5.3
113
0.105
P6KE91/J
81.9
100
1
73.7
5
4.6
131
0.106
P6KE91A/J
86.5
85.5
1
77.8
5
4.8
125
0.106
P6KE100/J
90
110
1
81
5
4.2
144
0.106
P6KE100A/J
95
105
1
85.5
5
4.4
137
0.106
P6KE110/J
99
121
1
89.2
5
3.8
158
0.107
P6KE110A/J
105
116
1
94
5
3.9
152
0.107
P6KE120/J
108
132
1
97.2
5
3.5
173
0.107
P6KE120A/J
114
126
1
102
5
3.6
165
0.107
P6KE130/J
117
143
1
105
5
3.2
187
0.107
P6KE130A/J
124
137
1
111
5
3.4
179
0.107
P6KE150/J
135
165
1
121
5
2.8
215
0.108
P6KE150A/J
143
158
1
128
5
2.9
207
0.108
P6KE160/J
144
176
1
130
5
2.6
230
0.108
P6KE160A/J
152
168
1
136
5
2.7
219
0.108
P6KE170/J
153
187
1
138
5
2.5
244
0.108
P6KE170A/J
162
179
1
145
5
2.6
234
0.108
P6KE180/J
162
198
1
146
5
2.3
258
0.108
P6KE180A/J
171
189
1
154
5
2.4
246
0.108
P6KE200/J
180
220
1
162
5
2.1
287
0.108
P6KE200A/J
190
210
1
171
5
2.2
274
0.108
P6KE220/J
198
242
1
175
5
1.7
344
0.108
P6KE220A/J
/209
231
1
185
5
1.8
328
0.108
P6KE250/J
225
275
1
202
5
1.7
360
0.11
P6KE250A/J
237
263
1
214
5
1.7
344
0..11
P6KE300/J
270
330
1
243
5
1.4
430
0.11
P6KE300A/J
285
315
1
256
5
1.4
414
0.11
P6KE350/J
315
385
1
284
5
1.2
504
0..11
P6KE350A/J
332
368
1
300
5
1.2
482
0.11
P6KE400/J
360
440
1
324
5
1.0
571
0.11
P6KE400A/J
380
420
1
342
5
1.1
548
0.11
P6KE440/J
396
484
1
356
5
0.95
631
0.11
P6KE440A/J
418
462
1
376
5
1.0
602
0.11
Notes:
(1)
V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
For bidirectional type having VWM of 10 volts and less, the lD limit is doubled


Similar Part No. - P6KE75A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE75A MOTOROLA-P6KE75A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Ruilongyuan Electronics...
P6KE75A RUILON-P6KE75A Datasheet
895Kb / 7P
   Transient Voltage Suppressors
logo
Vishay Siliconix
P6KE75A VISHAY-P6KE75A Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
SUNMATE electronic Co.,...
P6KE75A SUNMATE-P6KE75A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
EIC discrete Semiconduc...
P6KE75A EIC-P6KE75A Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE75A

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com