Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G0509D-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part No. G0509D-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MORNSUN [MORNSUN Science& Technology Ltd.]
Homepage  http://www.mornsun-power.com
Logo 

   
 1 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
G_D-1W & H_D-1W
A/3-2009
Page 1 of 2
G_D-1W & H_D-1W Series
1W, FIXED INPUT, 6000V ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
Certificate
H0505D-1W
5
200
20
70
UL
H0509D-1W
9
111
12
72
UL
H0512D-1W
12
84
9
73
UL
H0515D-1W*
15
67
7
74
UL
G0505D-1W
±5
±100
±10
70
UL
G0509D-1W
±9
±56
±6
71
UL
G0512D-1W
±12
±42
±5
72
UL
G0515D-1W*
5
4.5-5.5
±15
±33
±4
73
UL
H1205D-1W
5
200
20
70
UL
H1209D-1W
9
111
12
71
UL
H1212D-1W
12
84
9
72
UL
H1215D-1W
15
67
7
74
UL
G1205D-1W
±5
±100
±10
70
UL
G1209D-1W
±9
±56
±6
71
UL
G1212D-1W
±12
±42
±5
72
UL
G1215D-1W
12
10.8-13.2
±15
±33
±4
75
UL
* Designing.
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
6000
VDC
Isolation resistance
Test at 1000VDC
1000
M
Ω
Isolation capacitance
3.5
pF
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
30
Lead temperature
1.5mm from case for 10 seconds
300
°C
5V input voltage
1
s
Short circuit protection*
12V input voltage
Continuous
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
8.2
g
FEATURES
Small Footprint
DIP Package
6KVDC Isolation
Temperature Range: -40
°C to+85°C
No Heat Sink Require
No External Component Require
Internal SMD Construction
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The G_D-1W & H_D-1W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input power
supply in a distributed power supply system on a
circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤±10%);
2) Where isolation is necessary between
input and output (isolation voltage
≤6000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanded.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
H0505D-1W
Product S eries
Input Voltage
Outpu t Volt age
Package Style
R ated P ower
MORNSUN Science & Technology co.,Ltd.
Address:2th floor 6th building, Hangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
* When input voltage (Nominal) is 5V, Supply voltage must be discontinued at the end of short circuit
duration.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WRA0505ZP-3WDUAL/SINGLE OUTPUT DIP DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
EA0505S-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
F0303T-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
E0505S-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
B0303LD-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
F0305S-1WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
B0303S-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 MORNSUN Science& Technology Ltd.
E0505D-2WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 3 MORNSUN Science& Technology Ltd.
WRA0505YMD-3WDUAL/SINGLE OUTPUT DC-DC CONVERTER 1 2 3 MORNSUN Science& Technology Ltd.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl