Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9314801QSA Datasheet(PDF) 4 Page - Texas Instruments

Part # 5962-9314801QSA
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9314801QSA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9314801QSA Datasheet HTML 1Page - Texas Instruments 5962-9314801QSA Datasheet HTML 2Page - Texas Instruments 5962-9314801QSA Datasheet HTML 3Page - Texas Instruments 5962-9314801QSA Datasheet HTML 4Page - Texas Instruments 5962-9314801QSA Datasheet HTML 5Page - Texas Instruments 5962-9314801QSA Datasheet HTML 6Page - Texas Instruments 5962-9314801QSA Datasheet HTML 7Page - Texas Instruments 5962-9314801QSA Datasheet HTML 8Page - Texas Instruments 5962-9314801QSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54ABT377, SN74ABT377
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLOCK ENABLE
SCBS156B – FEBRUARY 1991 – REVISED JULY 1994
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT377
SN74ABT377
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = – 3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = – 24 mA
2
2
V
VCC = 4.5 V
IOH = – 32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
ICC
VCC = 5.5 V,
IO = 0,
Outputs high
1
250
250
250
µA
ICC
CC
,
O
,
VI = VCC or GND
Outputs low
24
30
30
30
mA
∆ICC§
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
* On products compliant to MIL-STD-883, Class B, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT377
SN74ABT377
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
MHz
tw
Pulse duration
CLK high or low
3.3
3.3
3.3
ns
t
Setup time before CLK
Data high or low
2
2.5
2
ns
tsu
Setup time before CLK
CLKEN high or low
3
3
3
ns
th
Hold time after CLK
Data high or low
1.8¶
1.8¶
1.8¶
ns
th
Hold time after CLK
CLKEN high or low
1.8¶
1.8¶
1.8¶
ns
¶ This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT377
SN74ABT377
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
tPLH
CLK
Q
2.2
4.5
6
2.2
7
2.2
6.5
ns
tPHL
CLK
Q
3.1
5.3
6.8
2
7.6
3.1
7.3
ns


Similar Part No. - 5962-9314801QSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9314801Q2A TI1-5962-9314801Q2A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
5962-9314801QRA TI1-5962-9314801QRA Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

Similar Description - 5962-9314801QSA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT377 TI1-SN54ABT377_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Unisonic Technologies
U74HC377 UTC-U74HC377 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
U74HC377 UTC-U74HC377_15 Datasheet
254Kb / 8P
   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
logo
Texas Instruments
SN54HC377 TI-SN54HC377_06 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377 Datasheet
273Kb / 9P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HCT377 TI-SN54HCT377_08 Datasheet
446Kb / 11P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54HC377 TI-SN54HC377 Datasheet
425Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com