Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2415AS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # F2415AS-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F2415AS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  F2415AS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F2415AS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_AS-1W
A/0-2008
Page 1 of 2
F_AS-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED
SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
F0305AS-1W
3.3
3.0-3.6
5
200
20
74
F0503AS-1W
3.3
303
30
73
F0505AS-1W
5
200
20
72
F0509AS-1W
9
111
12
76
F0512AS-1W
12
83
9
79
F0515AS-1W
5
4.5-5.5
15
67
7
78
F1205AS-1W
5
200
20
70
F1209AS-1W
9
111
12
75
F1212AS-1W
12
83
9
78
F1215AS-1W
12
10.8-13.2
15
67
7
79
F1505AS-1W
15
13.5-16.5
5
200
20
69
F2405AS-1W
5
200
20
71
F2409AS-1W
9
111
12
76
F2412AS-1W
12
83
9
78
F2415AS-1W
24
21.6-26.4
15
67
7
80
ISOLATION SPECIFICATIONS
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation capacitance
60
pF
OUTPUT SPECIFICATIONS
Item
Test condition
Min
Typ
Max
Units
Output power
0.1
1
W
For Vin change of 1%(3.3V output)
±1.5
Line regulation
For Vin change of 1%(others)
±1.2
10% to 100% full load(3.3V output)
12
20
10% to 100% full load(5V output)
10
15
10% to 100% full load(9V output)
8.3
15
10% to 100% full load(12V output)
6.8
15
Load regulation
10% to 100% full load(15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz bandwidth
50
100
mVp-p
Switching frequency
Full load, nominal input voltage
100
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Efficiency up to 80%
SIP Package
Single Output Voltage
3kVDC Isolation
Temperature Range: -40
°C to +85°C
Internal SMD construction
Industry Standard Pinout
No Heat sink Required
No External Component Required
RoHS Compliance
APPLICATIONS
The F_AS-1W Series are specially designed for
applications where a single power supply is highly
isolated from
the input
power
supply in
a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply is
fixed (voltage variation
≤±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage and
the output ripple and noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits and IGBT power
device driven circuits, etc.
MODEL SELECTION
F0505AS-1W
Product Series
Output Voltage
Package Style
Rate Power
Input Voltage
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - F2415AS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2415D-1W MORNSUN-F2415D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
F2415D-1W REICU-F2415D-1W Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
F2415D-1WR2 MORNSUN-F2415D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
F2415D-1WR2 REICU-F2415D-1WR2 Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
F2415D-2W MORNSUN-F2415D-2W Datasheet
133Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - F2415AS-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com