Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE24AJ Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # P4KE24AJ
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P4KE24AJ Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  P4KE24AJ Datasheet HTML 1Page - MIC GROUP RECTIFIERS P4KE24AJ Datasheet HTML 2Page - MIC GROUP RECTIFIERS P4KE24AJ Datasheet HTML 3Page - MIC GROUP RECTIFIERS P4KE24AJ Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P4KE6.8 THRU P4KE440CA(GPP)
Breakdown Voltage
6.8 to 400 Volts
P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE1
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
P4KE6.8/J
6.12
7.48
10
5.5
1000
37
10.8
0.06
P4KE6.8A/J
6.45
7.14
10
5.8
1000
38.1
10.5
0.06
P4KE7.5/J
6.75
8.25
10
6.05
500
34.2
11.7
0.064
P4KE7.5A/J
7.13
7.88
10
6.4
500
35.4
11.3
0.064
P4KE8.2/J
7.38
9.02
10
6.63
200
32
12.5
0.068
P4KE8.2A/J
7.79
8.61
10
7.02
200
33.1
12.1
0.068
P4KE9.1/J
8.19
10
1
7.37
50
29
13.8
0.071
P4KE9.1A/J
7.65
9.55
1
7.78
50
29.9
13.4
0.071
P4KE10/J
9
11
1
8.1
10
26.7
15
0.076
P4KE10A/J
9.5
10.5
1
8.55
10
27.6
14.5
0.076
P4KE11/J
9.9
12.1
1
8.92
5
24.7
16.2
0.078
P4KE11A/J
10.5
11.6
1
9.4
5
25.6
15.6
0.078
P4KE12/J
10.8
13.2
1
9372
5
23.1
17.3
0.081
P4KE12A/J
11.4
12.6
1
10.2
5
24
16.7
0.081
P4KE13/J
11.7
14.3
1
10.5
5
21.1
19
0.084
P4KE13A/J
12.4
13.7
1
11.1
5
22
18.2
0.084
P4KE15/J
13.5
16.5
1
12.1
5
18.2
22
0.087
P4KE15A/J
14.3
15.8
1
12.8
5
18.9
21.2
0.087
P4KE16/J
14.4
17.6
1
12.9
5
17
23.5
0.089
P4KE16A/J
15.2
16.8
1
13.6
5
17.8
22.5
0.089
P4KE18/J
16.2
19.8
1
14.5
5
15.1
26.5
0.091
P4KE18A/J
17.1
18.9
1
15.3
5
15.9
25.2
0.091
P4KE20/J
18
22
1
16.2
5
13.7
29.1
0.093
P4KE20A/J
19
21
1
17.1
5
14.4
27.7
0.093
P4KE22/J
19.8
24.2
1
17.8
5
12.5
31.9
0.095
P4KE22A/J
20.9
23.1
1
18.8
5
13.1
30.6
0.095
P4KE24/J
21.6
26.4
1
19.4
5
11.5
34.7
0.097
P4KE24A/J
22.8
25.2
1
20.5
5
12
33.2
0.097
P4KE27/J
24.3
29.7
1
21.8
5
10.2
39.1
0.099
P4KE27A/J
25.7
28.4
1
23.1
5
10.7
37.5
0.099
P4KE30/J
27
33
1
24.3
5
92
43.5
0.1
P4KE30A/J
28.5
31.5
1
25.6
5
9.7
41.4
0.1
P4KE33/J
29.7
36.3
1
26.8
5
8.4
47.7
0.101
P4KE33A/J
31.4
34.7
1
28.2
5
8.8
45.7
0.101
P4KE36/J
32.4
39.6
1
29.1
5
7.7
52
0.102
P4KE36A/J
34.2
37.8
1
30.8
5
8
49.9
0.102
P4KE39/J
35.1
42.9
1
31.6
5
7.1
56.4
0.103
P4KE39A/J
37.1
41
1
33.3
5
7.4
53.9
0.103
P4KE43/J
38.7
47.3
1
34.8
5
6.5
61.9
0.104
P4KE43A/J
40.9
45.2
1
36.8
5
6.7
59.3
0.104
P4KE47/J
42.3
51.7
1
38.1
5
5.9
67.8
0.104
P4KE47A/J
44.7
49.4
1
40.2
5
6.2
64.8
0.104
P4KE51/J
45.7
56.1
1
41.3
5
5.4
73.5
0.105
P4KE51A/J
48.5
43.6
1
43.6
5
5.7
70.1
0.105
P4KE56/J
50.4
61.6
1
45.4
5
5
80.5
0.106
P4KE56AJ/
53.2
58.8
1
47.8
5
5.2
77
0.106
P4KE62/J
55.8
68.8
1
50.2
5
4.5
89
0.107
P4KE62A/J
58.9
65.1
1
53.0
5
4.7
85
0.107


Similar Part No. - P4KE24AJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE24A PANJIT-P4KE24A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE24A TSC-P4KE24A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diotech Company.
P4KE24A DIOTECH-P4KE24A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE24A RFE-P4KE24A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Diotec Semiconductor
P4KE24A DIOTEC-P4KE24A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE24AJ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
30KPA28A SMC-30KPA28A Datasheet
716Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
Shenzhen Luguang Electr...
15KP12 LUGUANG-15KP12 Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com