Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE24J Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # P4KE24J
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

P4KE24J Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  P4KE24J Datasheet HTML 1Page - MIC GROUP RECTIFIERS P4KE24J Datasheet HTML 2Page - MIC GROUP RECTIFIERS P4KE24J Datasheet HTML 3Page - MIC GROUP RECTIFIERS P4KE24J Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
P4KE6.8 THRU P4KE440CA(GPP)
Breakdown Voltage
6.8 to 400 Volts
P4KE6.8J THRU P4KE440CAJ(OPEN JUNCTION)
Peak Pulse Power
400 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE 1 (Cont’d)
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note3)
Maximum
Peak Pulse
Current
IPPM (Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
P4KE68/J
61.2
74.8
1
55.1
5
4.1
98
0.104
P4KE68A/J
64.6
71.4
1
58.1
5
4.3
92
0.104
P4KE75/J
67.5
82.5
1
60.7
5
3.7
105
0.105
P4KE75A/J
71.3
78.8
1
64.1
5
3.9
103
0.105
P4KE82/J
73.8
90.2
1
66.4
5
3.4
118
0.105
P4KE82A/J
77.9
86.1
1
70.1
5
3.5
113
0.105
P4KE91/J
81.9
100
1
73.7
5
3.1
131
0.106
P4KE91A/J
86.5
95.5
1
77.8
5
3.2
125
0.106
P4KE100J/
90
110
1
81
5
2.8
144
0.106
P4KE100A/J
95
105
1
85.5
5
2.9
137
0.106
P4KE110/J
99
121
1
89.2
5
2.5
158
0.107
P4KE110A/J
105
116
1
94
5
2.6
152
0.107
P4KE120/J
108
132
1
97.2
5
2.3
173
0.107
P4KE120A/J
114
126
1
102
5
2.4
165
0.107
P4KE130/J
117
143
1
105
5
2.1
187
0.107
P4KE130A/J
124
137
1
111
5
2.2
179
0.107
P4KE150/J
135
165
1
121
5
1.9
215
0.108
P4KE150A/J
143
159
1
128
5
1.9
207
0.108
P4KE160/J
144
175
1
130
5
1.7
230
0.108
P4KE160A/J
152
167
1
136
5
1.8
219
0.108
P4KE170/J
153
187
1
138
5
1.6
244
0.108
P4KE170A/J
162
179
1
145
5
1.7
234
0.108
P4KE180/J
162
197
1
146
5
1.6
258
0.108
P4KE180A/J
171
189
1
154
5
1.6
246
0.108
P4KE200/J
180
220
1
162
5
1.4
287
0.108
P4KE200A/J
190
210
1
171
5
1.5
274
0.108
P4KE220/J
198
242
1
175
5
1.2
344
0.108
P4KE220A/J
209
231
1
185
5
1.2
328
0.108
P4KE250/J
25
275
1
202
5
1.1
360
0.11
P4KE250A/J
237
267
1
214
5
1.2
344
0.11
P4KE300/J
270
330
1
243
5
0.93
430
0.11
P4KE300A/J
285
315
1
245
5
1
414
0.11
P4KE350/J
315
385
1
284
5
0.79
504
0.11
P4KE350A/J
332
368
1
300
5
0.83
482
0.11
P4KE400/J
360
440
1
324
5
0.7
574
0.11
P4KE400A/J
380
420
1
342
5
0.73
548
0.11
P4KE440/J
396
484
1
356
5
0.63
631
0.11
P4KE440A/J
418
462
1
376
5
0.66
602
0.11
Notes:
(1)
V(BR) measured after IT applied for 300ms IT =square wave pulse or equivalent
(2)
Surge current waveform per Figure 3 and derate per Fig.2
(3)
For bidirectional type having VWM of 10 volts and less, the lD limit is doubled
(4)
All terms and symbols are consistent with ANSI/IEEE C62.35
(5)
No suffix is Gpp passivated junction, Suffix “J” is open junction (silastic guard junction)


Similar Part No. - P4KE24J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE24 PANJIT-P4KE24 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Shenzhen Luguang Electr...
P4KE24 LUGUANG-P4KE24 Datasheet
2Mb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE24 LUGUANG-P4KE24 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE24 DIOTEC-P4KE24 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE24 LUGUANG-P4KE24 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE24J

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
30KPA28A SMC-30KPA28A Datasheet
716Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPERSSOR
logo
New Jersey Semi-Conduct...
1.5KE75 NJSEMI-1.5KE75 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPERSSOR
logo
Shenzhen Luguang Electr...
15KP12 LUGUANG-15KP12 Datasheet
119Kb / 3P
   Transient Voltage Supperssor
logo
MIC GROUP RECTIFIERS
5KP5.0 MIC-5KP5.0 Datasheet
70Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com