Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1209AS-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # F1209AS-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F1209AS-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  F1209AS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F1209AS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_AS-1W
A/0-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test condition
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARECTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
Side View
Bottom View
RECOMMENDED FOOTPRINT
Top view,grid:2.54*2.54mm(0.1*0.1inch),
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin section tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
+
+
+
+
1 24
1 2
4
6
6
First Angle Projection
FOOTPRINT DETAILS
Pin
Functi on
1
2
4
6
Vin
GND
+Vo
0.50
(0.020)
(0.079)
APPLICATION NOTE
Requirement On Output Load
To ensure this module can operate efficiently and reliably, a minimum load is specified for
this kind of DC/DC converter in addition to a maximum load (nam ely full load). During
operation, make sure the specified range of input voltage is not exceeded, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our company
’s
products with a lower rated output power.
Recommended circuit
If
you
want
to
further
decrease
the
input/output ripple, an
“LC” filtering network may
be connected to the input and output ends of the
DC/DC converter, see (Figure 1).
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance
and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency
to avoid mutual interference. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of
output, provided the safe and reliable operation
is ensured, the recommended capacitance of its
filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(uF)
Single Vout
(VDC)
Cout
(uF)
3.3/5
4.7
3.3/5
10
12
2.2
9
4.7
15
2.2
12
2.2
24
1
15
1
It
’s not recommended to connect any external
capacitor in the application field with less than 0.5
watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with
overheat protection that is connected to the
input or output end in series (Figure 2).
Vin
GND
0V
+Vout
DC DC
REG
Vin
GND
0V
+Vout
DC
DC
REG
(Figure 2)
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against overload. The simplest method is to
connect a self-recovery fuse in series at the
input end or add a circuit breaker to the circuit.
No parallel connection or plug and play.


Similar Part No. - F1209AS-1W

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1209 POLYFET-F1209 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
MORNSUN Science& Techno...
F1209D-1W MORNSUN-F1209D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
F1209D-1W REICU-F1209D-1W Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
F1209D-1WR2 REICU-F1209D-1WR2 Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
F1209D-2W MORNSUN-F1209D-2W Datasheet
133Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - F1209AS-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com