Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1205T-W2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # E1205T-W2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E1205T-W2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E1205T-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E1205T-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
F_T-W2&E_T-W 2
A/0-2007
Page 1 of 2
E_T-W2 & F_T-W2 Series
0.25W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
UTRALMINIATURE SMD PACKAGE
Multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ.)
F0303T-W2
3.3
75
8
60
F0305T-W2
3.3
3.0-3.6
5
50
5
60
F0505T-W2
5
50
5
64
F0509T-W2
9
28
3
65
F0512T-W2
12
21
2
67
F0515T-W2
15
17
2
66
E0505T-W2
±5
±25
±3
64
E0509T-W2
±9
±14
±2
65
E0512T-W2
±12
±10.5
±1
67
E0515T-W2
5
4.5-5.5
±15
±8.5
±1
66
F1205T-W2
5
50
5
65
F1209T-W2
9
28
3
64
F1212T-W2
12
21
2
63
F1215T-W2
15
17
2
64
E1205T-W2
±5
±25
±3
65
E1209T-W2
±9
±14
±2
64
E1212T-W2
±12
±10.5
±1
63
E1215T-W2
12
10.8-13.2
±15
±8.5
±1
64
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ.
Max
Units
Output power
0.25
W
For Vin change of 1%(3.3V output)
±1.5
Line regulation
For Vin change of 1%(Others output)
±1.2
3.3V output
15
20
5V output
12.8
15
9V output
8.3
10
12V output
6.8
10
Load regulation
10% to 100%
load
15V output
6.3
10
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Output ripple &Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
FEATURES
Single Voltage Output
SMD Package Style
Industry Standard Pinout
No Heat sink Required
3KVDC Isolation
High Power Density
Internal SMD construction
Temperature Range: -40
°C~+85°C
No External Component Required
RoHS Compliance
APPLICATIONS
The E_T-W2&F_T-W2 Series are specially
designed for applications where a group of
polar power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
Product S eries
Input Voltage
Output Voltage
Package S tyle
Rated Pow er
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless
otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - E1205T-W2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E1205T-1W MORNSUN-E1205T-1W Datasheet
159Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
E1205T-1W CRYSTEKCRYSTAL-E1205T-1W Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - E1205T-W2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com