Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0305D-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # F0305D-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F0305D-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  F0305D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F0305D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F0305D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_D-1W & F_D-1W
A/2-2009
Page 1 of 3
E_D-1W & F_D-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate
F0305D-1W
3.3
3.0-3.6
5
200
20
74
E0505D-1W
±5
±100
±10
71
UL CE
E0509D-1W
±9
±56
±6
77
UL CE
E0512D-1W
±12
±42
±5
77
UL CE
E0515D-1W
±15
±33
±4
79
UL CE
F0503D-1W
3.3
303
30
73
F0505D-1W
5
200
20
72
UL CE
F0509D-1W
9
111
12
76
UL CE
F0512D-1W
12
83
9
79
UL CE
F0515D-1W
5
4.5-5.5
15
67
7
78
UL CE
E1205D-1W
±5
±100
±10
73
UL CE
E1209D-1W
±9
±56
±6
77
UL CE
E1212D-1W
±12
±42
±5
80
UL CE
E1215D-1W
±15
±33
±4
80
UL CE
F1205D-1W
5
200
20
70
UL CE
F1209D-1W
9
111
12
75
UL CE
F1212D-1W
12
83
9
78
UL CE
F1215D-1W
12
10.8-13.2
15
67
7
79
UL CE
F1505D-1W
15
13.5-16.5
5
200
20
69
E2405D-1W
±5
±100
±10
73
UL CE
E2409D-1W
±9
±56
±6
77
UL CE
E2412D-1W
±12
±42
±5
80
UL CE
E2415D-1W
±15
±33
±4
80
UL CE
F2405D-1W
5
200
20
71
UL CE
F2409D-1W
9
111
12
76
UL CE
F2412D-1W
12
83
9
78
UL CE
F2415D-1W
24
21.6-26.4
15
67
7
80
UL CE
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating Temp. Range
-40
85
Storage Temp. Range
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
Short circuit protection*
1
S
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
● High Efficiency up to 80%
● High Density, High Stability
● 3000VDC Isolation
● DIP Package
● Internal SMD construction
● No Heat sink Required
● Temperature Range: -40°C ~ +85°C
● No External Component Required
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The E_D-1W & F_D-1W Series are specially
designed for applications where a group of
polar power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
E0505D-1W
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com


Similar Part No. - F0305D-1W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
F0305D-1W REICU-F0305D-1W Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
F0305D-1WR2 MORNSUN-F0305D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
F0305D-1WR2 REICU-F0305D-1WR2 Datasheet
2Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - F0305D-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com