Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1212M-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # E1212M-1W
Description  DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E1212M-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E1212M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E1212M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_M-1W
A/0-2008
Page 2 of 2
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS& PIN CONNECTION
1
2
46
5
1 2
4
6
5
RECOMMENDED FOOTPRINT
Top view, grid
dia meter
1.00mm(0.039 inch)
2. 54mm(0 .1in ch)
FOOT P RINT DETAILS
Pin
Functions
1
2
4
6
5
Vin
GND
+Vo
First Angle Projection
(0.020)
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin tolerances: 0.10mm
0.004inch
Generaltolerances: 0.25mm( 0.010inc h)
()
+
+
+
+
1.9
(0.075)
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, a minimum load is specified for
this kind of DC/DC converter in addition to a maximum load (namely full load). During
operation, make sure the specified range of input voltage is not exceeded, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load!
If the actual output power is very small, please connect a
resistor with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power.
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection
against over-current and short-circuits. The simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit breaker to the circuit.
Filtering
In some circuits which are sensitive to noise
and ripple, a filtering capacitor may be added to
the DC/DC output end and input end to reduce
the noise and ripple. However, the capacitance
of the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe and reliable operation is ensured, the
greatest capacitance of its filter capacitor sees
the external capacitor table.
EXTERNAL CAPACITOR TABLE
V in
(VDC)
Cin
(uF)
Vout
(VDC)
Cout
(uF)
5
4.7
5
4.7
12
2.2
9
2.2
24
1
12
1
--
--
15
0.47
It
’s not recommended to connect any external capacitor
in the application field with less than 0.5 watt output。
To get an extremely low ripple, an
“LC” filtering
network may be connected to the input and
output ends of the DC/DC converter, which may
produce a more significant filtering effect. It
should also be noted that the inductance and the
frequency of the
“LC” filtering network should be
staggered with the DC/DC frequency to avoid
mutual interference (Figure 1).
Vin
GND
+Vo
0V
DC
C
L
L
DC
L
C
C
-Vo
(Figure 1)
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with
overheat protection that is connected to the input
or output end in series (Figure 2).
Vin
GND
Vin
GND
REG
+Vout
-Vout
0V
+Vout
DC
DC
DC
DC
REG
REG
0V
-Vout
(Figure2)
No parallel connection or plug and play
.


Similar Part No. - E1212M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E1212D-1W MORNSUN-E1212D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
E1212D-1W REICU-E1212D-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E1212D-1WR2 MORNSUN-E1212D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E1212D-1WR2 REICU-E1212D-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E1212D-2W MORNSUN-E1212D-2W Datasheet
133Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - E1212M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505M-1WA0505M-1W MORNSUN-A0505M-1WA0505M-1W Datasheet
418Kb / 4P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A0505M-1W MORNSUN-A0505M-1W Datasheet
122Kb / 2P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com