Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ0.5GN60V Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MZ0.5GN60V
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ0.5GN60V Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MZ0.5GN60V Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZ0.5GN60V Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
0
1
2
3
4
56
7
8
9
10V
10
20
30
40
50
0
10
20
30
0
10
20
30
40V
0
mA
mA
/Z
/Z
Vz
Vz
Tj=25
2V7
3V3
3V9
4V7
5V6
6V8
8V2
Test Current/z
5mA
10V
12V
15V
18V
22V
27V
33V
Tj=25
5mA
Test Current/z
Tj=constant(pulsed)
Breakdown characteristics
RATINGS AND CHARACTERISTIC CURVES
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GN SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZ0.5GN60V

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ0.5GE MIC-MZ0.5GE Datasheet
109Kb / 7P
   ZENER DIODE
MZ0.5GF MIC-MZ0.5GF Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF10V MIC-MZ0.5GF10V Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF11V MIC-MZ0.5GF11V Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF12V MIC-MZ0.5GF12V Datasheet
122Kb / 7P
   ZENER DIODE
More results

Similar Description - MZ0.5GN60V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com