Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT534J Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54ABT534J
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT534J Datasheet(HTML) 4 Page - Texas Instruments

  SN54ABT534J Datasheet HTML 1Page - Texas Instruments SN54ABT534J Datasheet HTML 2Page - Texas Instruments SN54ABT534J Datasheet HTML 3Page - Texas Instruments SN54ABT534J Datasheet HTML 4Page - Texas Instruments SN54ABT534J Datasheet HTML 5Page - Texas Instruments SN54ABT534J Datasheet HTML 6Page - Texas Instruments SN54ABT534J Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54ABT534, SN74ABT534A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCBS187F – JANUARY 1991 – REVISED JANUARY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT534
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
125
125
MHz
tw
Pulse duration
CLK high or low
3.5
3.5
ns
tsu
Setup time, data before CLK
High or low
1.6
1.6
ns
th
Hold time, data after CLK
High or low
1.6
1.6
ns
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN74ABT534A
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
125
125
MHz
tw
Pulse duration
CLK high or low
3.5
3.5
ns
tsu
Setup time, data before CLK
High or low
1.6
1.6
ns
th
Hold time, data after CLK
High or low
2†
2†
ns
† This data sheet limit may vary among suppliers.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
SN54ABT534
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
TYP
MAX
fmax
125
175
125
MHz
tPLH
CLK
Q
2.6
4.5
6.1
2.6
7
ns
tPHL
CLK
Q
3.4
5.5
6.7
3.4
7.9
ns
tPZH
OE
Q
1
3.4
5.2
1
5.8
ns
tPZL
OE
Q
2.6
4
5.8
2.6
7
ns
tPHZ
OE
Q
2.4
4.7
6.6
2.4
7.6
ns
tPLZ
OE
Q
2.3
3.8
5.8
2.3
6.8
ns


Similar Part No. - SN54ABT534J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT534 TI1-SN54ABT534 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT534 TI1-SN54ABT534_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT534J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com