Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ1.0PB91V-4.1 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MZ1.0PB91V-4.1
Description  SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0PB91V-4.1 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MZ1.0PB91V-4.1 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0PB91V-4.1 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0PB91V-4.1 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0PB91V-4.1 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
11 to 200 Volts
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Steady state Power
1.5 Watts
Max Zener Impedance
(Note 2)
Max Reverse
Leakage Current
Type
Device
Marking
Code
Nominal
Zener
Voltage
Vz@IZT
Volts
(Note 1)
Test
Current
IZT
mA
ZZT@IZT
Ohms
ZZk
ZZk
@
Ohms
mA
IR
VR
@
μA
Volts
Maximum
DC Zener
Current
IZM
mAdc
MZ1.0PB11V-34.1
11V-34.1
11
34.1
5.5
550
0.25
1
8.4
136
MZ1.0PB12V-31.2
12V-31.2
12
31.2
6.5
550
0.25
1
9.1
125
MZ1.0PB13V-28.8
13V-28.8
13
28.8
7
550
0.25
1
9.9
115
MZ1.0PB15V-25
15V-25
15
25
9
600
0.25
1
11.4
100
MZ1.0PB16V-23.4
16V-23.4
16
23.4
10
600
0.25
1
12.2
93
MZ1.0PB18V-20.8
18V-20.8
18
20.8
12
650
0.25
1
13.7
83
MZ1.0PB20V-18.7
20V-18.7
20
18.7
14
650
0.25
1
15.2
75
MZ1.0PB22V-17
22V-17
22
17
17.5
650
0.25
1
16.7
68
MZ1.0PB24V-15.6
24V-15.6
24
15.6
19
700
0.25
1
18.2
62
MZ1.0PB27V-13.9
27V-13.9
27
13.9
23
700
0.25
1
20.6
55
MZ1.0PB30V-12.5
30V-12.5
30
12.5
26
750
0.25
1
22.8
50
MZ1.0PB33V-11.4
33V-11.4
33
11.4
33
800
0.25
1
25.1
45
MZ1.0PB36V-10.4
36V-10.4
36
10.4
38
850
0.25
1
27.4
41
MZ1.0PB39V-9.6
39V-9.6
39
9.6
45
900
0.25
1
29.7
38
MZ1.0PB43V-8.7
43V-8.7
43
8.7
53
950
0.25
1
32.7
34
MZ1.0PB47V-8.0
47V-8.0
47
8
67
1000
0.25
1
35.8
31
MZ1.0PB51V-7.3
51V-7.3
51
7.3
70
1100
0.25
1
38.8
29
MZ1.0PB56V-6.7
56V-6.7
56
6.7
86
1300
0.25
1
42.6
26
MZ1.0PB62V-6.0
62V-6.0
62
6
100
1500
0.25
1
47.1
24
MZ1.0PB68V-5.5
68V-5.5
68
5.5
120
1700
0.25
1
51.7
22
MZ1.0PB75V-5.0
75V-5.0
75
5
140
2000
0.25
1
56
20
MZ1.0PB82V-4.6
82V-4.6
82
4.6
160
2500
0.25
1
62.2
18
MZ1.0PB91V-4.1
91V-4.1
91
4.1
200
3000
0.25
1
69.2
16
MZ1.0PB100V-3.7
100V-3.7
100
3.7
250
3100
0.25
1
76
15
MZ1.0PB110V-3.4
110V-3.4
110
3.4
300
4000
0.25
1
83.6
13
MZ1.0PB120V-3.1
120V-3.1
120
3.1
380
4500
0.25
1
91.2
12
MZ1.0PB130V-2.9
130V-2.9
130
2.9
450
5000
0.25
1
98.8
11
MZ1.0PB150V-2.5
150V-2.5
150
2.5
600
6000
0.25
1
114
10
MZ1.0PB160V-2.3
160V2.3
160
2.3
700
6500
0.25
1
121.6
9
MZ1.0PB180V-2.1
180V-2.1
180
2.1
900
7000
0.25
1
136.8
8
MZ1.0PB200V-1.9
200V-1.9
200
1.9
1200
8000
0.25
1
152
7
Notes:-
TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation-The type numbers listed indicate a tolerance of ±5%


Similar Part No. - MZ1.0PB91V-4.1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0PA10V-25 MIC-MZ1.0PA10V-25 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA10V-25 MIC-MZ1.0PA10V-25 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA11V-23 MIC-MZ1.0PA11V-23 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA11V-23 MIC-MZ1.0PA11V-23 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA12V-21 MIC-MZ1.0PA12V-21 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0PB91V-4.1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Shanghai Lunsure Electr...
RS1A CHENYI-RS1A Datasheet
166Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SF11 CHENYI-SF11 Datasheet
153Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S1A CHENYI-S1A Datasheet
200Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SM4001 CHENYI-SM4001 Datasheet
142Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S2A CHENYI-S2A Datasheet
156Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Yixinwei Techn...
S1A YIXIN-S1A Datasheet
278Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com