Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ1.0GM68V Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GM68V
Description  SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GM68V Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MZ1.0GM68V Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GM68V Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GM68V Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0GM68V Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ1.0GM68V Datasheet HTML 5Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Dynamic resistance
versus Zener current
Dynamic resistance
versus Zener current
Dynamic resistance
versus Zener current
zj
r
zj
r
rzj
Iz
Iz
Iz
7
7
7
7
2
3 45
2
3 4 5
2
3
4
5
2
3
4
5
2
3 45
2
3 4 5
2
3
4
5
2
3
4
5
7
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
2
100mA
10
1
1
10
Ω
100
100mA
1
0.1
10
2
10
3
10
Ω
Ω
100mA
10
1
1
10
102
103
18V
22V
24V
30V
36V
43V
43V
56V
68V
82V
100V
10V
12V
18V
6V2
7V5
4V3
5V1
RATING AND CHARACTERISTIC CURVES MZ1.0GM3V9-100 THRU MZ1.0GM100-5
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GN SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZ1.0GM68V

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GD100V-2.5 MIC-MZ1.0GD100V-2.5 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD10V-25 MIC-MZ1.0GD10V-25 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD11V-23 MIC-MZ1.0GD11V-23 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD12V-21 MIC-MZ1.0GD12V-21 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD13V-19 MIC-MZ1.0GD13V-19 Datasheet
59Kb / 3P
   ZENER DIODE
More results

Similar Description - MZ1.0GM68V

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com