Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZO.5GE75V-1.7 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MZO.5GE75V-1.7
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZO.5GE75V-1.7 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MZO.5GE75V-1.7 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZO.5GE75V-1.7 Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GE SERIES
MZ0.5GE2V
THRU MZ0.5GE75V
TECHHICAL SPECIFICATION
FEATURES
Silicon Planar Power Zener Diodes
Standard Zener Voltage Tolerance is ±5%
DO-34 Glass Case
High Reliability
Weight: Approx. 0.09g
ABSOLUTE MAXIMUM RATINGE: (Ta=25℃)
Parameter
Symbols
Limits
Unit
Power Dissipation at Tamb=75℃
Ptot
500
(1)
mw
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~+150
Symbols
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthJA
-
-
300
(1)
℃/W
Forward Voltage at IF=100mA
VF
-
-
1.2
Volts
Notes
1.
Valid provided that at a distance of 8mm from case are kept at ambient temperature :
2.
Tested with pulse tp=5ms
3.
Valid provided that leads are kept at ambient temperature at a distance of 8mm from case
4.
Standard zener voltage tolerance is ±5%. Add suffix “A” for ±10% tolerance.
5.
At Iz = 0.15mA
6. At Iz = 0.125mA.
Dimensions in inches and (millimeters)
DO-34
MIN
MAX
0.108(2.76)
MIN
1.102
(28.0)
(28.0)
1.102
φ0.079
MAX
(2.0)
Cathode
band
MAX
φ0.017
(0.42)


Similar Part No. - MZO.5GE75V-1.7

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZO.5GF10V-20 MIC-MZO.5GF10V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF11V-20 MIC-MZO.5GF11V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF12V-20 MIC-MZO.5GF12V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF13V-9.5 MIC-MZO.5GF13V-9.5 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF14V-9.0 MIC-MZO.5GF14V-9.0 Datasheet
122Kb / 7P
   ZENER DIODE
More results

Similar Description - MZO.5GE75V-1.7

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com