Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2409XT-W2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A2409XT-W2
Description  DUAL OUTPUT, SMD DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A2409XT-W2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A2409XT-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A2409XT-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
A_(X)T-W2
A/1-2008
Page 1 of 2
A_(X)T-W2 Series
0.25W,FIXED INPUT, ISOLATED & UNREGULATED
DUAL OUTPUT, SMD DC-DC CONVERTER
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ.)
A0503(X)T-W2
±3.3
±38
±4
62
A0505(X)T-W2
±5
±25
±3
64
A0509(X)T-W2
±9
±14
±2
65
A0512(X)T-W2
±12
±11
±2
67
A0515(X)T-W2
5
4.5-5.5
±15
±9
±1
66
A1205(X)T-W2
±5
±25
±3
65
A1209(X)T-W2
±9
±14
±2
64
A1212(X)T-W2
±12
±11
±2
63
A1215(X)T-W2
12
10.8-13.2
±15
±9
±1
64
A2405(X)T-W2
±5
±25
±3
61
A2409(X)T-W2
±9
±14
±2
62
A2412(X)T-W2
±12
±11
±2
63
A2415(X)T-W2
24
21.6-26.4
±15
±9
±1
65
Note: The A_XT-W 2 series have no 3,6,8,9 pin. For example A0505XT-W 2.
ISOLATION SPECIFICATIONS
Item
Test Conditions
Min
Typ.
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ.
Max
Units
Output power
0.25
W
For Vin change of 1%(3.3V output)
±1.5
Line regulation
For Vin change of 1%(Others output)
±1.2
10% to 100% load (3.3V output)
15
20
10% to 100% load (5V output)
12.8
15
10% to 100% load (9V output)
8.3
15
10% to 100% load (12V output)
6.8
15
Load regulation
10% to 100% load (15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Output ripple &Noise*
20MHz Bandwidth
50
100
mVp-p
Full load, nominal input(24V input)
500
Switching frequency
Full load, nominal input (others input)
110
KHz
FEATURES
Small footprint
SMD Package Style
No Heat sink Required
1KVDC Isolation
Temperature Range: -40
°C to +85°C
Internal SMD construction
No External Component Required
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The A_(X)T-W2 Series are specially designed
for applications where a group of polar power
supplies are isolated from the input power supply
in a distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply is
fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage and
the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power device
driving circuits.
MODEL SELECTION
A0505(X)T-W2
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - A2409XT-W2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A2409XT-1WR2 MORNSUN-A2409XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A2409XT-1WR2 MORNSUN-A2409XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A2409XT-1WR2 MORNSUN-A2409XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A2409XT-1WR2 MORNSUN-A2409XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A2409XT-W2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505LT-2W MORNSUN-A0505LT-2W Datasheet
128Kb / 2P
   DUAL/SINGLE OUTPUT, SMD, DC-DC CONVERTER
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-30WR2 MORNSUN-VRA2405LD-30WR2 Datasheet
1Mb / 7P
   DUAL OUTPUT DC-DC CONVERTER
IA0505S-1W MORNSUN-IA0505S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
B0503XT-W2 MORNSUN-B0503XT-W2 Datasheet
123Kb / 2P
   SINGLE OUTPUT, SMD DC-DC CONVERTER
IB0505LT-W75 MORNSUN-IB0505LT-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT SMD DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com