Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ1.0GD20V-12.5 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GD20V-12.5
Description  ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GD20V-12.5 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MZ1.0GD20V-12.5 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GD20V-12.5 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GD20V-12.5 Datasheet HTML 3Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
150
50
100
200V
0
0
10
mA
20
50V
45
40
35
30
25
20
15
10
5
0
20
10
0
30
40
50
mA
60
mA
240
200
160
120
80
40
15V
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
200℃
100
0
W
1.0
0.8
0.6
0.4
0.2
0
Ptot
Z
I
IZ
IZ
Tamb
VZ
Z
V
Z
V
10
ZMY...
ZMY...
T =25℃
j
j
T =25℃
j
T =25℃
5mA
5mA
10mA
5mA
Test Current Iz
Test Current Iz 10mA
Test Current Iz
100mA
3.9
4.7
5.6
6.8
8.2
12
56
68
82
100
47
39
33
27
22
18
15
Valid provided that leads are kept at ambient temperature or
adistance of 10mm from case
FIG.1-ADMISSIBLE POWER DISSIPATION
VERSUS AMBIENT TEMPERATURE
FIG.2-BREAKDOWN CHARACTERISTICS
T =constant (pulsed)
j
j
T =constant (pulsed)
j
T =constant (pulsed)
FIG.3-BREAKDOWN CHARACTERISTICS
FIG.4-BREAKDOWN CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES MZ1.0GD3V3 THRU MZ1.0GD100
MZ1.0GD3V3 THRUMZ1.0GD100


Similar Part No. - MZ1.0GD20V-12.5

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GM100V MIC-MZ1.0GM100V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM10V MIC-MZ1.0GM10V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM11V MIC-MZ1.0GM11V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM12V MIC-MZ1.0GM12V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM13V MIC-MZ1.0GM13V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0GD20V-12.5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com