Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2M1USQ6VDC1.6D Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A2M1USQ6VDC1.6D
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A2M1USQ6VDC1.6D Datasheet(HTML) 1 Page - CIT Relay & Switch

  A2M1USQ6VDC1.6D Datasheet HTML 1Page - CIT Relay & Switch A2M1USQ6VDC1.6D Datasheet HTML 2Page - CIT Relay & Switch A2M1USQ6VDC1.6D Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A2
26.0 x 26.0 x 24.5 (39.5) mm
RoHS Compliant
Large switching capacity up to 40A
Small size and light weight
PCB pin and quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
Coil Data
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.6W
1.9W
6
7.8
22.5
19
4.20
.6
1.60 or 1.90
7
5
12
15.6
90
75.8
8.40
1.2
24
31.2
360
303.2
16.80
2.4
General Data
Contact Data
page 77
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPDT
1U = SPST N.O. (2 terminals)
Contact Rating
1A : 40A @ 14VDC
1B : 30A @ 14VDC
1C : 40A @ 14VDC N.O. and
1C : 30A @ 14VDCN.C.
1U : 2x20A @ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
630W
Maximum Switching Voltage
75VDC
Maximum Switching Current
40A
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
750V rms min. @ sea level
Contact to Contact
500V rms min. @ sea level
Shock Resistance
147m/s2 for 11 ms
Vibration Resistance
1.5mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
8N (quick connect), 4N (PCB pins)
Operating Temperature
-40oC to +125oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
31g
Features


Similar Part No. - A2M1USQ6VDC1.6D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A2M1ACP12VDC1.62D CIT-A2M1ACP12VDC1.62D Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A2M1ACP12VDC1.6D CIT-A2M1ACP12VDC1.6D Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A2M1ACP12VDC1.6D1 CIT-A2M1ACP12VDC1.6D1 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A2M1ACP12VDC1.6DR CIT-A2M1ACP12VDC1.6DR Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A2M1ACP12VDC1.6R CIT-A2M1ACP12VDC1.6R Datasheet
141Kb / 3P
   Large switching capacity up to 40A
More results

Similar Description - A2M1USQ6VDC1.6D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com