Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ1.0GM6V2 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GM6V2
Description  SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GM6V2 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MZ1.0GM6V2 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GM6V2 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GM6V2 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0GM6V2 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ1.0GM6V2 Datasheet HTML 5Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
3.9 to 100 Volts
MZ1.0GM3V9-100 THRU MZ100-5
Standy State Power
1.0 Watt
Vaild provided that electrodes
are kept at amblent temperature
are kept at amblent temperature
Vaild provided that electrodes
versus pulse duration
Pulse thermal resistance
versus ambient temperature
Admissible power dissipation
v=0
0.01
0.02
0.05
0.1
0.2
0.5
V= T
T
P1
K/W
tot
thU
r
P
tp
tp
tp
Tamb
Vz
5mA
100V
82V
68V
56V
10mA
Test Current Iz
T =25℃
J
Iz
Breakdown characteristics
Tj=constant( pulsed )
RATING AND CHARACTERISTIC CURVES MZ1.0GM3V9-100 THRU MZ1.0GM100-5
2
3
-1
-2
-3
-4
-5
1
10
10
10
10s
1
10
10
10
10
10
2
3
4
5
2
3
4
5
2
3
4
5
200℃
100
0
0.2
0.4
0.6
0.8
mA
W
1.0
200V
150
100
50
0
0
10
24


Similar Part No. - MZ1.0GM6V2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GD100V-2.5 MIC-MZ1.0GD100V-2.5 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD10V-25 MIC-MZ1.0GD10V-25 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD11V-23 MIC-MZ1.0GD11V-23 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD12V-21 MIC-MZ1.0GD12V-21 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD13V-19 MIC-MZ1.0GD13V-19 Datasheet
59Kb / 3P
   ZENER DIODE
More results

Similar Description - MZ1.0GM6V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com