Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ1.0GM4V7 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GM4V7
Description  SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GM4V7 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MZ1.0GM4V7 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GM4V7 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GM4V7 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0GM4V7 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ1.0GM4V7 Datasheet HTML 5Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
3.9 to 100 Volts
MZ1.0GM3V9-100 THRU MZ100-5
Standy State Power
1.0 Watt
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified
Type
Device
Marking
Code
Zener
Valtage
(2)
at IZT
min.max.
VZ(V)
Dynamic
resistance
at LZT
f=1kHz
max
rzj(Ω )
Temp.coeff.
of Zener volt
at
LZT
αvz(10-4/K)
Test
current
lZT(mA)
Reverse
voltage
at
IR=0.5μA
VR(V)
Admissible
Zener current
(1)
at Tamb=25℃
Iz(mA)
MZ1.0GM3V9
3V9-100
3.7…4.1
4(<7)
-7…+2
100
-
203
MZ1.0GM4V3
4V3-100
4.0…4.6
4(<7)
-7…+3
100
-
182
MZ1.0GM4V7
4V7-100
4.4…5.0
4(<7)
-7…+4
100
-
165
MZ1.0GM5V1
5V1-100
4.8…5.4
2(<5)
-6…+5
100
>0.7
150
MZ1.0GM5V6
5V6-100
5.2…6.0
1(<2)
-3…+5
100
>1.5
135
MZ1.0GM6V2
6V2-100
5.8…6.6
1(<2)
-1…+6
100
>2.0
128
MZ1.0GM6V8
6V8-100
6.4…7.2
1(<2)
0…+7
100
>3.0
110
MZ1.0GM7V5
7V5-100
7.0…7.9
1(<2)
0…+7
100
>5.0
100
MZ1.0GM8V2
8V2-100
7.7…8.7
1(<2)
+3…+8
100
>6.0
89
MZ1.0GM9V1
9V1-50
8.5…9.6
2(<4)
+3…+8
50
>7.0
82
MZ1.0GM10V
10V-50
9.4…10.6
2(<4)
+5…+9
50
>7.5
74
MZ1.0GM11V
11V-50
10.4…11.6
3(<7)
+5…+10
50
>8.5
66
MZ1.0GM12V
12V-50
11.4…12.7
3(<7)
+5…+10
50
>9.0
60
MZ1.0GM13V
13V-50
12.4…14.1
4(<9)
+5…+10
50
>10
55
MZ1.0GM15V
15V-50
13.8…15.8
4(<9)
+5…+10
50
>11
49
MZ1.0GM 16V
16V-25
15.3…17.1
5(<10)
+5…+11
25
>12
44
MZ1.0GM18V
18V-25
16.8…19.1
5(<11)
+7…+11
25
>14
40
MZ1.0GM20V
20V-25
18.8…21.2
6(<12)
+7…+11
25
>15
36
MZ1.0GM22V
22V-25
20.8…23.3
7(<13)
+7…+11
25
>17
34
MZ1.0GM24V
24V-25
22.8…25.6
8(<14)
+7…+12
25
>18
29
MZ1.0GM27V
27V-25
25.1…28.9
9(<15)
+7…+12
25
>20
27
MZ1.0GM30V
30V-25
28…32
10(<20)
+7…+12
25
>22.5
25
MZ1.0GM33V
33V-25
31…35
11(<20)
+7…+12
25
>25
22
MZ1.0GM36V
36V-10
34…38
25(<60)
+7…+12
10
>27
20
MZ1.0GM39V
39V-10
37…41
30(<60)
+8…+12
10
>29
18
MZ1.0GM43V
43V-10
40…46
35(<80)
+8…+13
10
>32
17
MZ1.0GM47V
47V-10
44…50
40(<80)
+8…+13
10
>35
15
MZ1.0GM51V
51V-10
48…54
45(<100)
+8…+13
10
>38
14
MZ1.0GM56V
56V-10
52…60
50(<100)
+8…+13
10
>42
13
MZ1.0GM62V
62V-10
58…66
60(<130)
+8…+13
10
>47
11
MZ1.0GM68V
68V-10
64…72
65(<130)
+8…+13
10
>51
10
MZ1.0GM75V
75V-10
70…79
70(<160)
+8…+13
10
>56
9
MZ1.0GM85V
82V-10
77…88
80(<160)
+8…+13
10
>61
8
MZ1.0GM91V
91V-5
85…96
120(<250)
+9…+13
5
>68
7.5
MZ1.0GM100V
100V-5
94…106
130(<250)
+9…+13
5
>75
7
Notes:
(1) Valid provided that electrodes are kept at ambient temperature
(2) Tested with pulses tp=5ms


Similar Part No. - MZ1.0GM4V7

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GD100V-2.5 MIC-MZ1.0GD100V-2.5 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD10V-25 MIC-MZ1.0GD10V-25 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD11V-23 MIC-MZ1.0GD11V-23 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD12V-21 MIC-MZ1.0GD12V-21 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD13V-19 MIC-MZ1.0GD13V-19 Datasheet
59Kb / 3P
   ZENER DIODE
More results

Similar Description - MZ1.0GM4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com