Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZ0.5GF Datasheet(PDF) 7 Page - MIC GROUP RECTIFIERS

Part # MZ0.5GF
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ0.5GF Datasheet(HTML) 7 Page - MIC GROUP RECTIFIERS

  MZ0.5GF Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZ0.5GF Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
RATINGS AND CHARACTERISTIC CURVES
Change of Zener voltage
versus junction temperature
Temperature dependance of Zener voltage
versus Zener voltage
j
T
Vz
5mA
=
z
I
at
at Iz=5mA
z
V
z
V
z
V
j
T
z
V
V
mV/K
V
z
I
.
th
z
r
=
Vz
5mA
Iz=
Iz=
25mA
1mA
5mA
5mA
=
z
I
at
z
V
100V
5
4
3
2
10
5
4
3
2
1
-5
0
5
10
15
20
25
100V
5
4
3
2
10
5
4
3
2
1
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
140
120
100
80
60
40
20
0
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Change of Zener voltage from turn-on
up to the point of thermal equilibrium
versus Zener voltage
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GF SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZ0.5GF

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ0.5GE MIC-MZ0.5GE Datasheet
109Kb / 7P
   ZENER DIODE
MZ0.5GN MIC-MZ0.5GN Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN10V MIC-MZ0.5GN10V Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN11V MIC-MZ0.5GN11V Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN12V MIC-MZ0.5GN12V Datasheet
113Kb / 7P
   ZENER DIODE
More results

Similar Description - MZ0.5GF

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com