Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZO.5GE2V4-20 Datasheet(PDF) 5 Page - MIC GROUP RECTIFIERS

Part # MZO.5GE2V4-20
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZO.5GE2V4-20 Datasheet(HTML) 5 Page - MIC GROUP RECTIFIERS

  MZO.5GE2V4-20 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZO.5GE2V4-20 Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
RATINGS AND CHARACTERISTIC CURVES
temperature at a distance of 8mm from case
Valid provided that leads are kept ambient
Dynamic resistance
versus Zener current
Pulse thermal resistance
versus pulse duration
Capacitance
Zener voltage
Admissible power dissipation
versus ambient temperature
temperature at a distance of 8mm from case
Valid provided that leads are kept ambient
=5mA
Z
I
AT
Z
V
Z
I
p
t
ZZK
rthA
Tamb
Ctot
tot
P
K/W
pF
mW
P1
T
= T
V
tp
tp
TJ=25
=25
J
T
=0
V
=1V
R
V
=2V
R
V
=1V
R
V
VR=2V
=2.7
z
V
Ω
-1
-2
-3
-4
-5
2
3
10
10
10
1
100mA
10
1
0.1
1
10
100
1000
100V
10
1
10
100
1000
10s
1
10
10
10
10
10
2
3
4
5
7
2
3
4
5
7
3
4
5
7
3.6
4.7
5.1
5.6
5
2
5
2
5
2
2
3
4
5
2
3
4
5
2
3
4
5
5
4
3
2
5
4
3
2
2
3
4
5
7
2
3
4
5
7
200℃
100
0
0
100
200
300
400
500
0.01
0.02
0.05
0.1
0.5
0.2
2
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GE SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZO.5GE2V4-20

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZO.5GF10V-20 MIC-MZO.5GF10V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF11V-20 MIC-MZO.5GF11V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF12V-20 MIC-MZO.5GF12V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF13V-9.5 MIC-MZO.5GF13V-9.5 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF14V-9.0 MIC-MZO.5GF14V-9.0 Datasheet
122Kb / 7P
   ZENER DIODE
More results

Similar Description - MZO.5GE2V4-20

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com