Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10D0512-02 Datasheet(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10D0512-02
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10D0512-02 Datasheet(HTML) 9 Page - MORNSUN Science& Technology Ltd.

Back Button LH10-10D0512-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 11Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
suggestions for handling dissipated heat are summarized, below:
(1)
Ambient Air Cooling
For miniature and high power density converters, free air cooling is recommended, mainly due
to cost and space concerns.
♦ Heat dissipates to the ambient air through the converter case or exposed surfaces. Heat
may also dissipate to ambient air if there is a gap between the converter and the PCB.
♦ Heat dissipates from the converter case and exposed surfaces to PCB by radiation.
♦ Heat conducts through terminals (pins) to PCB.
In such applications, please pay particular attention to:
A. Air Flow - Because the heat dissipation is mainly through convection and radiation, the
converter needs an environment with good air flow.
It may be helpful to design heat
dissipation venting holes throughout the end product, near the converter
’s location. For
best convection cooling, ensure that air flow is not blocked by large components
B. Layout of Heat Generating Components - In most applications, the AC/DC converter is
usually not the only heat generating component.
It is recommended to keep a good
distance between each heat generating component to minimize heat dissipating clusters.
C. PCB Design - The PCB, which the power converter is assembled on, is not only a base to
mount the converter, but also acts as a heat sink for it, therefore heat dissipation should be
considered in PCB layout.
We recommend extended the area of the main copper loop
and decrease the component density on the PCB to improve the ambient environment.
(2) Heat Sinks
When free air convection is not sufficient enough, we recommend the use of a heat sink for
further cooling. As the converters are filled with heat conductive silicon or epoxy, the heat
distribution in converter is even and it radiates from the converter to the air.
The efficiency of
this convection is dependent on the size of the surface area of the converter.
The use of heat
sinks is a practical method to add surface area and improve the convection.
There are many
kinds of heat sinks available in the market.
MORNSUN recommends considering the following
factors in selecting a heat sink:


Similar Part No. - LH10-10D0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10D0512-02 MORNSUN-LH10-10D0512-02 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10D0512-02 MORNSUN-LH10-10D0512-02 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10D0512-02ER2 MORNSUN-LH10-10D0512-02ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH10-10D0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com