Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3M1USQ24VDC1R Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A3M1USQ24VDC1R
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A3M1USQ24VDC1R Datasheet(HTML) 1 Page - CIT Relay & Switch

  A3M1USQ24VDC1R Datasheet HTML 1Page - CIT Relay & Switch A3M1USQ24VDC1R Datasheet HTML 2Page - CIT Relay & Switch A3M1USQ24VDC1R Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
A3
28.5 x 28.5 x 26.5 (40.0) mm
RoHS Compliant
General Data
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.8W
6
7.8
20
4.20
.6
1.80
7
5
12
15.6
80
8.40
1.2
24
31.2
320
16.80
2.4
Coil Data
Contact Data
Large switching capacity up to 80A
PCB pin and quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
Features
page 80
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
Contact
1A = SPST N.O.
Arrangement
1B = SPST N.C.
1C = SPDT
1U = SPST N.O. (2 terminals)
Contact Rating
Standard
Heavy Duty
1A
60A @ 14VDC
80A @ 14VDC
1B
40A @ 14VDC
70A @ 14VDC
1C
60A @ 14VDC N.O.
80A @ 14VDC N.O.
40A @ 14VDC N.C.
70A @ 14VDC N.C.
1U
2x25A @ 14VDC
2x25@ 14VDC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2In2O3
Max Switching Power
1120W
Max Switching Voltage
75VDC
Max Switching Current
80A
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
500V rms min. @ sea level
Contact to Contact
500V rms min. @ sea level
Shock Resistance
147m/s2 for 11 ms
Vibration Resistance
1.5mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
8N (quick connect), 4N (PCB pins)
Operating Temperature
-40oC to +125oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
46g


Similar Part No. - A3M1USQ24VDC1R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A3M1USQ24VDC1R CIT-A3M1USQ24VDC1R Datasheet
139Kb / 4P
   Large switching capacity up to 80A
More results

Similar Description - A3M1USQ24VDC1R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com