Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA1215KP-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # IA1215KP-3W
Description  DUAL OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IA1215KP-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  IA1215KP-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IA1215KP-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
IA_KP-*W
A/1-2008
Page 2 of 2
COMMON SPECIFICATION
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
20
30
Lead temperature)
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
11
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
OUTLINE DIMENSIONS & PIN CONNECTIONS
FOOTPRINT DETAILS
Pin
Duals
1,24
12,13
2,23
11,14
3,10,15,22
Vin
GND
-Vo
+Vo
0V
2 3
12
11
1
10
14 13
22
23
24
15
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin diameter:0.50mm (0.020inch)
Pin diameter tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
10 11
15 14
31.80
2.00
(0.079)
9.50
(0.374)
24
1
12
(1.252)
23
2
22
3
4.10
First Angle Projection
(Bottom Vie w)
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Co ut
Cout
-Vo
(Figure 1)
It should also be noted that the inductance and
the frequency of the
“LC” filtering network should
be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin(VDC)
Cin(uF)
Vout(VDC) Cout(uF)
5
4.7
±5
4.7
12
2.2
±9
2.2
24
1
±12
1
-
-
±15
0.47
It
’s not recommended to connect any external capacitor in
the application field with less than 0.5 watt output.
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
over-current
and
short-circuits.
The
simplest
method is to connect a self-recovery fuse in series
at the input end or add a circuit breaker to the
circuit.
Input Over-voltage Protection Circuit
The
simplest
device
for
input
over-voltage
protection is a linear voltage regulator with overheat
protection that is connected to the input end in series
(Figure 2).
Vin
GND
0V
+Vout
DC DC
-Vout
REG
(Figure 2)
When the environment temperature is higher
than 71
°C, the product output power should be
less then 60% of the rated power.
No parallel connection or plug and play.


Similar Part No. - IA1215KP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IA1215KS-1W MORNSUN-IA1215KS-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IA1215KS-2W MORNSUN-IA1215KS-2W Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - IA1215KP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-30WR2 MORNSUN-VRA2405LD-30WR2 Datasheet
1Mb / 7P
   DUAL OUTPUT DC-DC CONVERTER
IA0505S-1W MORNSUN-IA0505S-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
GS2T48-D12 STMICROELECTRONICS-GS2T48-D12 Datasheet
30Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com