Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB10-10B05 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10B05
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B05 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LB10-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LB**
A/1-2008
Page 4 of 4
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
100
240
85
264
20
40
100
60
80
70
Load
(%)
Input voltage (Vac)
The relationship of dc and ac is as follows while input voltage is dc:
Vdc=1.414Vac-20Vdc.
Load
(%)
Te mpera ture( C)
1 00
- 10
-40
55
70
40
20
60
80
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
1
2
3
Trim
4
5
6
7
8
Pin
1
2
3
5
4
AC(L)
-Vo
No Pin
6
AC(N)
N0.
LB03
A
B
C
E
D
40.5
16.0
36.0
F
48.5
12.5
20.5
LB05
47.0
20.0
45.0
55.0
17.5
21.0
LB10
54.0
20.0
45.0
62.0
17.5
22.5
LB15
62.0
23.0
48.0
70.0
20.0
23.5
G
6.0
H
4.0
5.0
5.0
5.75
6.0
6.0
6.0
LB**-10B LB**-10A LB**-10C LB**-10D
7
8
+Vo
AC(L)
-Vo
AC(N)
COM
+Vo
AC(L)
-Vo1
+Vo1
AC(N)
-Vo2
COM
+Vo2
AC(L)
-Vo1
+Vo1
AC(N)
-Vo2
+Vo2
No Pin
No Pin
No Pin
No Pin
No Pin
No Pin
Trim
Trim*
No Pin
No Pin
No Pin
LB03
50g
LB05
70g
80g
*
LB10
LB15
120g
Outline and Dimensions
Trim*:Only For LB15-10BXXSeries。
FOOTPRINT DETAILS
First Angle Projection
MODLES WEIGHT
(TYP.)
(Bottom view)
(Side view)
on LB10-10BXX.
:There is no
*
Note:
Unit:mm
Pin section:1.00mm
Pin length(H):
6.00mm
Pin tolerances: 0.1mm
General tolerances: 0.5mm


Similar Part No. - LB10-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10B05 MORNSUN-LB10-10B05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B05LT MORNSUN-LB10-10B05LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB10-10B05

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com